| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OPB2 bảng dữ liệu(PDF) 103 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OPB2 bảng dữ liệu(HTML) 103 Page - ABB |
|
103 / 192 page ![]() — Manual switch-disconnectors OT160...4000 Dimensional drawings Front operated switch-disconnectors OT1000...4000, base mounting, IEC ON OFF 0 T *) *) 115 4,53 B M8 50 1,97 133 5,24 42 1,65 A 87 3,43 *)N3 types 5/16 146 5,75 132 5,2 6 0,24 *) 410 16,15 85 3,35 13,5 0,53 6 0,24 50 1,97 100 3,94 40/1,57 20/0,79 42 1,65 257 10,12 B1 ON OFF 0 T 28 1,10 266 10,48 A1 ON OFF 0 T 55 2,17 210 8,21 C1 ON OFF 0 T OT3200E_, 4000E_ [mm/in] 01 02 03 04 03W8 04W8 A 140/5,51 140/5,51 140/5,51 185/7,28 185/7,28 B 234/9,21 374/14,72 514/20,24 654/25,75 604/23,78 789/31,06 A1 195/7,68 335/13,19 475/18,70 615/24,21 565/22,24 750/29,53 B1 224/8,82 364/14,33 504/19,84 644/25,35 594/23,39 779/30,67 C1 250/9,84 390/15,35 530/20,87 670/26,38 805/31,69 619/24,37 M00421/OT3200_4000E01-04 E 5 0,20 5 0,20 245/9,65 141/5,55 223 8,79 156,5 6,16 90/3,54 85/3,35 15/0,59 20/0,79 OT3200 OT4000E_ 410 16,15 240 9,45 10 0,39 170,5 6,72 100,5 3,96 141/5,55 193,5/7,62 240,5/9,47 274 10,79 80 3,15 12 0,47 54 2,13 70 2,76 9,89...14,97 251...380 (OXP12x280) OT3200...4000E_ ON OFF 0 T *) *) 115 4,53 B M8 50 1,97 133 5,24 42 1,65 A 87 3,43 *)N3 types 5/16 146 5,75 132 5,2 6 0,24 *) 410 16,15 85 3,35 13,5 0,53 6 0,24 50 1,97 100 3,94 40/1,57 20/0,79 42 1,65 257 10,12 B1 ON OFF 0 T 28 1,10 266 10,48 A1 ON OFF 0 T 55 2,17 210 8,21 C1 ON OFF 0 T OT3200E_, 4000E_ [mm/in] 01 02 03 04 03W8 04W8 A 140/5,51 140/5,51 140/5,51 185/7,28 185/7,28 B 234/9,21 374/14,72 514/20,24 654/25,75 604/23,78 789/31,06 A1 195/7,68 335/13,19 475/18,70 615/24,21 565/22,24 750/29,53 B1 224/8,82 364/14,33 504/19,84 644/25,35 594/23,39 779/30,67 C1 250/9,84 390/15,35 530/20,87 670/26,38 805/31,69 619/24,37 M00421/OT3200_4000E01-04 E 5 0,20 5 0,20 245/9,65 141/5,55 223 8,79 156,5 6,16 90/3,54 85/3,35 15/0,59 20/0,79 OT3200 OT4000E_ 410 16,15 240 9,45 10 0,39 170,5 6,72 100,5 3,96 141/5,55 193,5/7,62 240,5/9,47 274 10,79 80 3,15 12 0,47 54 2,13 70 2,76 9,89...14,97 251...380 (OXP12x280) Main dimensions mm, inches OT3200E_, 4000E_ [mm/in] 01 02 03 04 03W8 04W8 A 140/5,51 140/5,51 140/5,51 185/7,28 185/7,28 B 234/9,21 374/14,72 514/20,24 654/25,75 604/23,78 789/31,06 A1 195/7,68 335/13,19 475/18,70 615/24,21 565/22,24 750/29,53 B1 224/8,82 364/14,33 504/19,84 644/25,35 594/23,39 779/30,67 C1 250/9,84 390/15,35 530/20,87 670/26,38 805/31,69 619/24,37 M00421/OT3200_4000E01-04 E ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 103 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 103 |