công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OPB2 bảng dữ liệu(PDF) 83 Page - ABB

tên linh kiện OPB2
Giải thích chi tiết về linh kiện  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ABB [ABB]
Trang chủ  http://www.abb.com
Logo ABB - ABB

OPB2 bảng dữ liệu(HTML) 83 Page - ABB

Back Button OPB2 Datasheet HTML 79Page - ABB OPB2 Datasheet HTML 80Page - ABB OPB2 Datasheet HTML 81Page - ABB OPB2 Datasheet HTML 82Page - ABB OPB2 Datasheet HTML 83Page - ABB OPB2 Datasheet HTML 84Page - ABB OPB2 Datasheet HTML 85Page - ABB OPB2 Datasheet HTML 86Page - ABB OPB2 Datasheet HTML 87Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 192 page
background image
—
Side operated switch-disconnectors, base mounting, IEC
Including terminal bolt kit. In OT_K -types a black ON-OFF direct mount handle
as standard. The handle is padlockable in the OFF-position.
Number
of poles
Open air thermal
current Ith
Rated operat.
currents
AC22A/AC23A
400...415 V
Type
Order code
Weight/
unit
A
A/A
kg
Handle has to be ordered separately
3
200
200/160
OT160EVS03
1SCA120563R1001
1.8
4
200
200/160
OT160EVS04
1SCA120564R1001
2.2
3
200
200/200
OT200ES03
1SCA022860R0200
1.8
4
200
200/200
OT200ES04
1SCA022860R0540
2.2
3
250
250/250
OT250ES03
1SCA022860R0890
1.8
4
250
250/250
OT250ES04
1SCA022860R1010
2.2
3
315
315/315
OT315ES03
1SCA022860R1270
3.4
4
315
315/315
OT315ES04
1SCA022860R1510
4.0
3
400
400/400
OT400ES03
1SCA022860R1780
3.4
4
400
400/400
OT400ES04
1SCA022860R1940
4.0
3
630
630/630
OT630ES03
1SCA022860R2240
7.0
4
630
630/630
OT630ES04
1SCA022860R2410
8.2
3
800
800/800
OT800ES03
1SCA022860R2670
7.0
4
800
800/800
OT800ES04
1SCA022860R2830
8.2
Direct mount handle included
3
200
200/160
OT160EVS03K 1SCA120570R1001
1.9
4
200
200/160
OT160EVS04K 1SCA120565R1001
2.3
3
200
200/200
OT200ES03K
1SCA022860R0620
1.9
4
200
200/200
OT200ES04K 1SCA022860R0710
2.3
3
250
250/250
OT250ES03K
1SCA022860R0970
1.9
4
250
250/250
OT250ES04K
1SCA022860R1190
2.3
3
315
315/315
OT315ES03K
1SCA022860R1350
3.5
4
315
315/315
OT315ES04K
1SCA022860R1600
4.1
3
400
400/400
OT400ES03K
1SCA022860R1860
3.5
4
400
400/400
OT400ES04K
1SCA022860R2080
4.1
3
630
630/630
OT630ES03K
1SCA022860R2320
7.0
4
630
630/630
OT630ES04K
1SCA022860R2590
8.4
3
800
800/800
OT800ES03K
1SCA022860R2750
7.2
4
800
800/800
OT800ES04K 1SCA022860R2910
8.4
—
Terminal bolt kits included as standard
Suitable for switches
Terminal bolt kit
OT160EV...250
M8x25
OT315...400
M10x30
OT630...800
M12x40
—
Manual switch-disconnectors OT160...4000, IEC
Ordering information for side operated switch-disconnectors
OT630...800ES04
OT160EVS04K
OT200...250ES04K
OT630...800ES03K
OT630...800ES04K
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
83
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More