công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ECF504-BAS bảng dữ liệu(PDF) 1 Page - Infinite Electronics International, Inc.

tên linh kiện ECF504-BAS
Giải thích chi tiết về linh kiện  USB B-A PANEL ADPT SHIELDED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  L-COM [Infinite Electronics International, Inc.]
Trang chủ  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ECF504-BAS bảng dữ liệu(HTML) 1 Page - Infinite Electronics International, Inc.

  ECF504-BAS Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.675
17.15
1.142
29.00
.905
22.99
.10
2.5
.43
10.8
1.48
37.7
1.40
35.6
.75
19.1
2X
.125
3.18
1.142
29.00
PIN 1
PIN 4
PIN 2
PIN 3
USB TYPE "B"
JACK
"J1"
H
PIN 1
PIN 4
USB TYPE "A"
JACK
"J2"
1
2
3
4
2
1
3
4
"J1"
CONNECTOR SHELL
CONNECTOR SHELL
HOUSING
POWER
- DATA
+ DATA
GROUND
"J2"
WIRING MAP
2X #4-40 UNC-2B
RECOMMENDED
PANEL CUTOUT
NOTES:
MATERIAL:
COUPLER HOUSING: ABS, UL94V-0.
CONNECTOR INSULATORS: WHITE, PBT WITH GLASS FIBER.
TYPE "A" CONNECTOR CONTACTS: PHOSPHOR BRONZE.
TYPE "A" CONNECTOR SHELL: BRASS.
TYPE "B" CONNECTOR CONTACTS: PHOSPHOR BRONZE.
TYPE "B" CONNECTOR SHELL FRONT: BRASS.
TYPE "B" CONNECTOR SHELL BACK: STEEL.
PCB: EPOXY GLASS FP-4, 94V-0 FLAMMABILITY RATING.
FINISH:
COUPLER HOUSING: CHROME.
CONNECTOR CONTACTS: GOLD, 30µ INCHES.
CONNECTOR SHELLS: NICKEL.
ELECTRICAL:
CURRENT RATING: 2 AMP MAX.
VOLTAGE RATING: 140 VDC.
ENVIRONMENTAL:
OPERATING TEMPERATURE: -10 C TO +70 C.
MISCELLANEOUS:
COUPLER SHALL BE TESTED FOR CONTINUITY.
COUPLER SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM PACKAGING SPEC PS-0031.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
.675
17.15
1.142
29.00
.905
22.99
A
B
C
D
50 HIGH STREET
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
ECF504-BAS
H
ECF504-BAS.SLDDRW
1
1
D.PARHAM
11/12/2003
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
R. CARRICK
11/12/2003
10/12/12
E
F
ECN 6458: USE NEW LOGO
ECN 6485: RETURN TO GLUED VERSION. PRODUCT NOT TOOLED.
10/24/12
D.FRISIELLO
D.FRISIELLO
G
ECN 6692: REVISED MODEL FROM GLUED TO SNAP-ON COVERS
2/19/13
D.FRISIELLO
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
H
ECN 8409: UPDATE TEMPERATURE RATING TO -10~70°C
7/15/16
S.LI
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
USB B-A PANEL ADPT SHIELDED
USB
PROJECTION
UNLESS OTHERWISE SPECIFIED,
C.MCCORMICK
COLOR VARIATIONS
MAY OCCUR
11/12/2003
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]


Số phần tương tự - ECF504-BAS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infinite Electronics In...
ECF504-BAS L-COM-ECF504-BAS Datasheet
59Kb / 1P
USB B-A PANEL ADPT SHIELDED
11/12/2003
ECF504-BAS-HR L-COM-ECF504-BAS-HR Datasheet
64Kb / 1P
USB A-B PNL ADPT SHLD HI-RET
8/5/14
ECF504-BAS. L-COM-ECF504-BAS. Datasheet
59Kb / 1P
USB B-A PANEL ADPT SHIELDED
11/12/2003
ECF504-BAS L-COM-ECF504-BAS_V01 Datasheet
59Kb / 1P
USB B-A PANEL ADPT SHIELDED
11/12/2003
More results

Mô tả tương tự - ECF504-BAS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MolexKits
76650-0142 MOLEXKITS-76650-0142 Datasheet
38Kb / 2P
USB Type A and B Shielded Panel Mount Plug, Receptacle and Cable, IP-67
logo
Molex Electronics Ltd.
0687840002 MOLEX8-0687840002 Datasheet
114Kb / 2P
USB Shielded I/O Cable Assembly, USB A-to-Micro-USB B, 1.5m (4.92 ) Length
logo
Qualtek Electronics Cor...
3023009-01M QUALTEK-3023009-01M Datasheet
557Kb / 1P
MICRO USB 3.0 A B/M - USB 3.0 B/M
3023021-02M QUALTEK-3023021-02M Datasheet
556Kb / 1P
MICRO USB 3.0 A B/M - USB 3.0 B/M
3023033-03M QUALTEK-3023033-03M Datasheet
554Kb / 1P
MICRO USB 3.0 A B/M - USB 3.0 B/M
logo
Assmann Electronics Inc...
A-USB-2 ASSMANN-A-USB-2 Datasheet
42Kb / 1P
USB A FEMALE-USB B MALE
A-USB-3 ASSMANN-A-USB-3 Datasheet
41Kb / 1P
USB A MALE-USB B FEMALE
A-USB-3-R ASSMANN-A-USB-3-R Datasheet
86Kb / 1P
USB B - USB A ADAPTER
A-USB-1 ASSMANN-A-USB-1 Datasheet
138Kb / 1P
USB B Female <=> USB A Female ADAPTER
logo
Molex Electronics Ltd.
0887328600 MOLEX1-0887328600 Datasheet
33Kb / 1P
USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0, 1.0m USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0, 1.0m
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com