công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST7FLIT19BF1MX bảng dữ liệu(PDF) 39 Page - STMicroelectronics

tên linh kiện ST7FLIT19BF1MX
Giải thích chi tiết về linh kiện  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLIT19BF1MX bảng dữ liệu(HTML) 39 Page - STMicroelectronics

Back Button ST7FLIT19BF1MX Datasheet HTML 35Page - STMicroelectronics ST7FLIT19BF1MX Datasheet HTML 36Page - STMicroelectronics ST7FLIT19BF1MX Datasheet HTML 37Page - STMicroelectronics ST7FLIT19BF1MX Datasheet HTML 38Page - STMicroelectronics ST7FLIT19BF1MX Datasheet HTML 39Page - STMicroelectronics ST7FLIT19BF1MX Datasheet HTML 40Page - STMicroelectronics ST7FLIT19BF1MX Datasheet HTML 41Page - STMicroelectronics ST7FLIT19BF1MX Datasheet HTML 42Page - STMicroelectronics ST7FLIT19BF1MX Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 157 page
background image
ST7LITE1xB
39/157
INTERRUPTS (Cont’d)
Bit 3:2 = ei1[1:0] ei1 pin selection
These bits are written by software. They select the
Port A I/O pin used for the ei1 external interrupt ac-
cording to the table below.
External Interrupt I/O pin selection
* Reset State
Bit 1:0 = ei0[1:0] ei0 pin selection
These bits are written by software. They select the
Port A I/O pin used for the ei0 external interrupt ac-
cording to the table below.
External Interrupt I/O pin selection
* Reset State
ei11
ei10
I/O Pin
0
0
PA4
0
1
PA5
1
0
PA6
1
1
PA7*
ei01
ei00
I/O Pin
0
0
PA0 *
0
1
PA1
1
0
PA2
1
1
PA3
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More