công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CSNE151 bảng dữ liệu(PDF) 4 Page - Honeywell Solid State Electronics Center

tên linh kiện CSNE151
Giải thích chi tiết về linh kiện  CSN Series closed loop current sensor, measures AC, DC or impulse current, 25 amp-turns nominal, 짹 36 amp-turns range, smaller housing, 1000 turn
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HONEYWELL [Honeywell Solid State Electronics Center]
Trang chủ  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

CSNE151 bảng dữ liệu(HTML) 4 Page - Honeywell Solid State Electronics Center

  CSNE151 Datasheet HTML 1Page - Honeywell Solid State Electronics Center CSNE151 Datasheet HTML 2Page - Honeywell Solid State Electronics Center CSNE151 Datasheet HTML 3Page - Honeywell Solid State Electronics Center CSNE151 Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CSNE151
CSN Series closed loop current sensor, measures AC, DC or impulse current, 25
amp-turns nominal, ± 36 amp-turns range, smaller housing, 1000 turn
PERSONAL INJURY
DO NOT USE these products as safety or emergency stop devices, or in any other
application where failure of the product could result in personal injury.
Failure to comply with these instructions could result in death or serious
injury.
MISUSE OF DOCUMENTATION
The information presented in this product sheet (or catalog) is for reference only.
DO NOT USE this document as product installation information.
Complete installation, operation and maintenance information is provided in the
instructions supplied with each product.
Failure to comply with these instructions could result in death or serious
injury.
© Copyright Honeywell Inc.1998-2006 All rights reserved.
Page 4 of 4
Datasheet -- CSNE151
31/08/2006
http://catalog.sensing.honeywell.com/printfriendly.asp?FAM=current&PN=CSNE151



Html Pages

1 2 3 4