công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DMA060MF bảng dữ liệu(PDF) 1 Page - Infinite Electronics International, Inc.

tên linh kiện DMA060MF
Giải thích chi tiết về linh kiện  NULL MODEM, DB9 MALE/FEMALE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  L-COM [Infinite Electronics International, Inc.]
Trang chủ  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

DMA060MF bảng dữ liệu(HTML) 1 Page - Infinite Electronics International, Inc.

  DMA060MF Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.25
6.4
2X
.03-.03
+.00
0.69-0.762
0
2X 4-40 JACKSCREW
.984
24.99
1.25
31.8
.50
12.7
FEMALE, 9 PIN
D-SUB CONNECTOR
.55
13.97
.19±.01
4.83±0.254
.36±.01
9.14±0.254
JACKSCREW
SPECIFICATION
4-40 UNC-2B
X .180
.72
18.2
MALE, 9 PIN
D-SUB CONNECTOR
4X R.130
3.30
.450
11.43
.984
24.99
20°
.806
20.5
RECOMMENDED PANEL OPENING
(MAX PANEL THICKNESS: 0.06")
2X R.06
NOTES:
MATERIAL:
SHELL: STEEL
CONTACTS/TERMINALS: COPPER ALLOY
HARDWARE: BRASS
INSULATOR: PBT FIBER REINFORCED (UL94V-0)
FINISH:
SHELL: TIN/NICKEL PLATE
CONTACTS/TERMINALS: GOLD FLASH PLATED: 1-1.5μ INCHES.
HARDWARE: NICKEL PLATED.
LABELING:
PANTONE 2945 BLUE. "L-COM" FONT MyriaMM ITALIC.
"NULL MODEM" FONT ARIAL BOLD, TEXT HEIGHTS; .085"
TEXT COLOR; WHITE.
ELECTRICAL:
CURRENT RATING: 3 AMP
COMPONENT SHALL BE TESTED FOR CONTINUITY.
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN A POLY BAG.
DB9F
DB9M
PIN 1 & 6
PIN 4
PIN 2
PIN 3
PIN 3
PIN 2
PIN 4
PIN 1 & 6
PIN 5
PIN 5
PIN 7
PIN 8
PIN 8
PIN 7
N/C
N/C
SHELL
SHELL
D
C
B
A
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SIZE
DWG. NO.
B
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
1
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF
L-COM, INC. ANY REPRODUCTIONS IN PART OR WHOLE WITHOUT THE WRITTEN
PERMISSION OF L-COM, INC. IS PROHIBITED.
REVISIONS
REV
DESCRIPTION
DATE
CHANGED BY
REV.
C
C.MCCORMICK
D.PARHAM
R.CARRICK
02/12/2001
02/12/2001
02/12/2001
A
RELEASED FOR PRODUCTION
02/16/01 MCCORMICK
B
06/30/04
ECN 1781 DRAWING UPDATE
MCCORMICK
C
ECN 4016: ADD SHELL TO SHELL IN WIRE MAP, NEW FORMAT
5/20/09 D.FRISIELLO
NULL MODEM, DB9 MALE/FEMALE
CATEGORY
PRODUCT DESCRIPTION
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
DMA060MF
FSCM NO.
43321
SHEET 1 OF 1
CAD FILE: DMA060MF.SLDDRW
SCALE: 2:1
PROJECTION
COLOR VARIATIONS
MAY OCCUR
DIMENSIONS ARE IN INCHES [mm]
UNLESS OTHERWISE SPECIFIED,
DIMENSIONAL
TOLERANCES:
.X = ±.1
.XX = ±.01
.XXX = ±.005
ANGULAR TOLERANCES:
ALL = ± 1°


Số phần tương tự - DMA060MF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infinite Electronics In...
DMA010FM L-COM-DMA010FM Datasheet
78Kb / 1P
ADPT, SER PORT DB9F/DB25M
12/03/2001
DMA010MF L-COM-DMA010MF Datasheet
63Kb / 1P
SERIAL PORT ADAPTOR
12/03/2001
DMA030MF L-COM-DMA030MF Datasheet
81Kb / 1P
ADAPTER, REVERSER 2&3 DB9M/F
02/12/01
DMA040MF L-COM-DMA040MF Datasheet
70Kb / 1P
ADPT, REVERSER 2&3 DB25M/F
10/4/2000
DMA070MF L-COM-DMA070MF Datasheet
69Kb / 1P
ADPT, NULL MODEM DB25M/F STD
02/12/01
More results

Mô tả tương tự - DMA060MF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tripp Lite. All Rights ...
P450-006 TRIPPLITE-P450-006 Datasheet
487Kb / 3P
Null Modem Serial RS232 Cable (DB9 F/F) 6-ft.
P454-006 TRIPPLITE-P454-006 Datasheet
479Kb / 3P
Null Modem Serial RS232 Cable (DB9 M/F) 6-ft
P450000 TRIPPLITE-P450000 Datasheet
485Kb / 2P
Null Modem Serial DB9 Serial Modular Adapter Kit, 2x (DB9F to RJ45F)
P450006 TRIPPLITE-P450006 Datasheet
482Kb / 2P
Null Modem Serial DB9 Serial Cable (DB9 F-F), 6-ft
P450010 TRIPPLITE-P450010 Datasheet
489Kb / 2P
Null Modem Serial DB9 Serial Cable (DB9 F-F), 10-ft
P454006 TRIPPLITE-P454006 Datasheet
473Kb / 2P
Null Modem Serial DB9 Serial Cable (DB9 M-F), 6-ft
P456006 TRIPPLITE-P456006 Datasheet
505Kb / 2P
Null Modem Serial DB9 Serial Cable (DB9 to DB25 F-M), 6-ft
P450-010 TRIPPLITE-P450-010 Datasheet
162Kb / 2P
Null Modem Serial DB9 Serial Cable (DB9 F/F), 10-ft.
P456-006 TRIPPLITE-P456-006 Datasheet
165Kb / 2P
Null Modem Serial DB9 Serial Cable (DB9 to DB25 F/M), 6-ft.
logo
Advantech Co., Ltd.
BB-232CAM ADVANTECH-BB-232CAM Datasheet
487Kb / 1P
RS-232 Modem Cable DB9 Female to DB25 Male
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com