| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
19-337-R6GHBHC-A01 bảng dữ liệu(PDF) 4 Page - Everlight Electronics Co., Ltd |
|
|
|||||||||||||||||||||||||||||
19-337-R6GHBHC-A01 bảng dữ liệu(HTML) 4 Page - Everlight Electronics Co., Ltd |
|
4 / 12 page ![]() EVERLIGHT ELECTRONICS CO.,LTD. 19-337/R6GHBHC-A01/2T Everlight Electronics Co., Ltd. http://www.everlight.com Rev. 2 Page: 4 of 12 Device No. : DSE-937-006 Prepared date: 07-26-2005 Prepared by :Jessica Chang Electro-Optical Characteristics (Ta=25℃) Parameter Symbol Min. Typ. Max. Unit Condition Luminous Intensity R6 Iv GH BH 72 112 28.5 100 180 50 ----- mcd Viewing Angle 2θ1/2 ----- 120 ----- deg Peak Wavelength R6 λp GH BH ----- 632 518 468 ----- nm Dominant Wavelength R6 λd GH BH ----- 624 525 470 ----- nm Spectrum Radiation Bandwidth R6 △λ GH BH ----- 20 35 35 ----- nm Forward Voltage R6 VF GH BH ----- 2.0 3.3 3.3 2.4 3.9 3.9 V IF=20mA Reverse Current R6 IR GH BH ----- ----- 10 50 50 μA VR=5V Notes: 1.Tolerance of Luminous Intensity ±10% 2.Tolerance of Dominant Wavelength ±1nm 3.Tolerance of Forward Voltage ±0.1V |