| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M93C46-RMB6P bảng dữ liệu(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M93C46-RMB6P bảng dữ liệu(HTML) 17 Page - STMicroelectronics |
|
17 / 37 page ![]() M93C86, M93C76, M93C66, M93C56, M93C46 Instructions 17/37 5.6 Write All As with the Erase All Memory (ERAL) instruction, the format of the Write All Memory with same Data (WRAL) instruction requires that a dummy address be provided. As with the Write Data to Memory (WRITE) instruction, the format of the Write All Memory with same Data (WRAL) instruction requires that an 8-bit data byte, or 16-bit data word, be provided. This value is written to all the addresses of the memory device. The completion of the cycle can be detected by monitoring the READY/BUSY line, as described next. Figure 6. WRAL sequence 1. For the meanings of Xn and Dn, please see Table 5., Table 6. and Table 7.. AI00880C S WRITE ALL DATA IN D Q ADDR OP CODE Dn D0 BUSY READY CHECK STATUS 1 0 0 0 1 Xn X0 |