công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L6711 bảng dữ liệu(PDF) 44 Page - STMicroelectronics

tên linh kiện L6711
Giải thích chi tiết về linh kiện  3 Phase controller with dynamic VID and selectable DACs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711 bảng dữ liệu(HTML) 44 Page - STMicroelectronics

Back Button L6711_06 Datasheet HTML 40Page - STMicroelectronics L6711_06 Datasheet HTML 41Page - STMicroelectronics L6711_06 Datasheet HTML 42Page - STMicroelectronics L6711_06 Datasheet HTML 43Page - STMicroelectronics L6711_06 Datasheet HTML 44Page - STMicroelectronics L6711_06 Datasheet HTML 45Page - STMicroelectronics L6711_06 Datasheet HTML 46Page - STMicroelectronics L6711_06 Datasheet HTML 47Page - STMicroelectronics L6711_06 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 50 page
background image
Layout guidelines
L6711
44/50
18
Layout guidelines
Since the device manages control functions and high-current drivers, layout is one of the
most important things to consider when designing such high current applications.
A good layout solution can generate a benefit in lowering power dissipation on the power
paths, reducing radiation and a proper connection between signal and power ground can
optimize the performance of the control loops.
Integrated power drivers reduce components count and interconnections between control
functions and drivers, reducing the board space.
Here below are listed the main points to focus on when starting a new layout and rules are
suggested for a correct implementation.
18.1
Power connections.
These are the connections where switching and continuous current flows from the input
supply towards the load. The first priority when placing components has to be reserved to
this power section, minimizing the length of each connection and loop as much as possible.
To minimize noise and voltage spikes (EMI and losses) these interconnections must be a
part of a power plane and anyway realized by wide and thick copper traces: loop must be
anyway minimized. The critical components, i.e. the power transistors, must be located as
close as possible one to the other.
Figure 23 shows the details of the power connections involved and the current loops. The
input capacitance (CIN), or at least a portion of the total capacitance needed, has to be
placed close to the power section in order to eliminate the stray inductance generated by
the copper traces. Low ESR and ESL capacitors are preferred.
Use as much VIAs as possible when power traces have to move between different planes
on the PCB: this reduces both parasitic resistance and inductance. Moreover, reproducing
the same high-current trace on more than one PCB layer will reduce the parasitic resistance
associated to that connection.
Connect output bulk capacitor as near as possible to the load, minimizing parasitic
inductance and resistance associated to the copper trace also adding extra decoupling
capacitors along the way to the load when this results in being far from the bulk capacitor
bank.
Figure 23.
Power connections and related connections layout guidelines (same for
all phases).
L
CIN
VIN
UGATEx
PHASEx
LGATEx
PGNDx
LOAD
BOOTx
PHASEx
VCC
SGND
+Vcc
L
CIN
VIN
LOAD
To limit C
BOOT
Extra-Charge
a. PCB power and ground planes areas
b. PCB small signal components placement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com