| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FC-7 bảng dữ liệu(PDF) 39 Page - ABB |
|
|
|||||||||||||||||||||||||||||
FC-7 bảng dữ liệu(HTML) 39 Page - ABB |
|
39 / 80 page ![]() 5 Electrical & mechanical fixing systems E-Klips spring steel fasteners | 9AAK10103A3655 0915 5/5 Cable Type AH-CT & AV-CT T A B AH153-CT2R T R A B AV155-CT2 Girder clips & mounting base for cable bundles Part no. ABB order code T (mm) A (mm) B (mm) Material finishes Quantity (pieces) AH153-CT2R 7TCA084030R0540 1.5-3 200 7.6 F8+1 25 1 Mounting bases and cable ties are made of Polyamide 6.6 Purlin clips, mounting base & cable tie for cable bundles Part no. ABB order code T (mm) A (mm) B (mm) Material finishes Quantity (pieces) AV155-CT2 7TCA084030R0766 1.5-4 200 7.6 F8+1 25 AV155-CT2R 7TCA084030R0768 1.5-4 200 7.6 F8+1 25 AV155-CT4 7TCA084030R0770 1.5-4 370 7.6 F8+1 25 AV57-CT2 7TCA084030R0813 4.5-7 200 7.6 F8+1 25 AV57-CT2R 7TCA084030R1921 4.5-7 200 7.6 F8+1 25 AV57-CT4 7TCA084030R1920 4.5-7 370 7.6 F8+1 25 1 Mounting bases and cable ties are made of Polyamide 6.6 T A B AH153-CT2R T R A B AV155-CT2 T R A B AV155-CT2 |