công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DRA751ABC bảng dữ liệu(PDF) 107 Page - Texas Instruments

tên linh kiện DRA751ABC
Giải thích chi tiết về linh kiện  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DRA751ABC bảng dữ liệu(HTML) 107 Page - Texas Instruments

Back Button DRA751ABC Datasheet HTML 103Page - Texas Instruments DRA751ABC Datasheet HTML 104Page - Texas Instruments DRA751ABC Datasheet HTML 105Page - Texas Instruments DRA751ABC Datasheet HTML 106Page - Texas Instruments DRA751ABC Datasheet HTML 107Page - Texas Instruments DRA751ABC Datasheet HTML 108Page - Texas Instruments DRA751ABC Datasheet HTML 109Page - Texas Instruments DRA751ABC Datasheet HTML 110Page - Texas Instruments DRA751ABC Datasheet HTML 111Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 443 page
background image
107
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
www.ti.com
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-7. EMIF Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
ddr1_a8
EMIF1 Address Bus
O
AF22
ddr1_a9
EMIF1 Address Bus
O
AE22
ddr1_a10
EMIF1 Address Bus
O
AD21
ddr1_a11
EMIF1 Address Bus
O
AD22
ddr1_a12
EMIF1 Address Bus
O
AC21
ddr1_a13
EMIF1 Address Bus
O
AF18
ddr1_a14
EMIF1 Address Bus
O
AE17
ddr1_a15
EMIF1 Address Bus
O
AD18
ddr1_d0
EMIF1 Data Bus
IO
AF25
ddr1_d1
EMIF1 Data Bus
IO
AF26
ddr1_d2
EMIF1 Data Bus
IO
AG26
ddr1_d3
EMIF1 Data Bus
IO
AH26
ddr1_d4
EMIF1 Data Bus
IO
AF24
ddr1_d5
EMIF1 Data Bus
IO
AE24
ddr1_d6
EMIF1 Data Bus
IO
AF23
ddr1_d7
EMIF1 Data Bus
IO
AE23
ddr1_d8
EMIF1 Data Bus
IO
AC23
ddr1_d9
EMIF1 Data Bus
IO
AF27
ddr1_d10
EMIF1 Data Bus
IO
AG27
ddr1_d11
EMIF1 Data Bus
IO
AF28
ddr1_d12
EMIF1 Data Bus
IO
AE26
ddr1_d13
EMIF1 Data Bus
IO
AC25
ddr1_d14
EMIF1 Data Bus
IO
AC24
ddr1_d15
EMIF1 Data Bus
IO
AD25
ddr1_d16
EMIF1 Data Bus
IO
V20
ddr1_d17
EMIF1 Data Bus
IO
W20
ddr1_d18
EMIF1 Data Bus
IO
AB28
ddr1_d19
EMIF1 Data Bus
IO
AC28
ddr1_d20
EMIF1 Data Bus
IO
AC27
ddr1_d21
EMIF1 Data Bus
IO
Y19
ddr1_d22
EMIF1 Data Bus
IO
AB27
ddr1_d23
EMIF1 Data Bus
IO
Y20
ddr1_d24
EMIF1 Data Bus
IO
AA23
ddr1_d25
EMIF1 Data Bus
IO
Y22
ddr1_d26
EMIF1 Data Bus
IO
Y23
ddr1_d27
EMIF1 Data Bus
IO
AA24
ddr1_d28
EMIF1 Data Bus
IO
Y24
ddr1_d29
EMIF1 Data Bus
IO
AA26
ddr1_d30
EMIF1 Data Bus
IO
AA25
ddr1_d31
EMIF1 Data Bus
IO
AA28
ddr1_ecc_d0
EMIF1 ECC Data Bus (1)
IO
W22
ddr1_ecc_d1
EMIF1 ECC Data Bus (1)
IO
V23
ddr1_ecc_d2
EMIF1 ECC Data Bus (1)
IO
W19
ddr1_ecc_d3
EMIF1 ECC Data Bus (1)
IO
W23
ddr1_ecc_d4
EMIF1 ECC Data Bus (1)
IO
Y25
ddr1_ecc_d5
EMIF1 ECC Data Bus (1)
IO
V24
ddr1_ecc_d6
EMIF1 ECC Data Bus (1)
IO
V25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More