| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DRA751ABC bảng dữ liệu(PDF) 101 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DRA751ABC bảng dữ liệu(HTML) 101 Page - Texas Instruments |
|
101 / 443 page ![]() 101 DRA756, DRA755, DRA754, DRA752 DRA751, DRA750, DRA746, DRA745, DRA744 www.ti.com SPRS950F – DECEMBER 2015 – REVISED MAY 2019 Submit Documentation Feedback Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744 Terminal Configuration and Functions Copyright © 2015–2019, Texas Instruments Incorporated Table 4-4. VIP Signal Descriptions (continued) SIGNAL NAME DESCRIPTION TYPE BALL vin3a_d11 Video Input 3 Port A Data input I J2 / A3 / D8 vin3a_d12 Video Input 3 Port A Data input I H1 / B3 / A5 vin3a_d13 Video Input 3 Port A Data input I J3 / B4 / C6 vin3a_d14 Video Input 3 Port A Data input I H2 / B5 / C8 vin3a_d15 Video Input 3 Port A Data input I H3 / A4 / C7 vin3a_d16 Video Input 3 Port A Data input I R6 / F11 vin3a_d17 Video Input 3 Port A Data input I T9 / G10 vin3a_d18 Video Input 3 Port A Data input I T6 / F10 vin3a_d19 Video Input 3 Port A Data input I T7 / G11 vin3a_d20 Video Input 3 Port A Data input I P6 / E9 vin3a_d21 Video Input 3 Port A Data input I R9 / F9 vin3a_d22 Video Input 3 Port A Data input I R5 / F8 vin3a_d23 Video Input 3 Port A Data input I P5 / E7 vin3b_clk1 Video Input 3 Port B Clock input I P7 / M4 vin3b_de1 Video Input 3 Port B Data Enable input I N6 vin3b_fld1 Video Input 3 Port A Field ID input I M4 vin3b_hsync1 Video Input 3 Port A Horizontal Sync input I H5 vin3b_vsync1 Video Input 3 Port A Vertical Sync input I H6 vin3b_d0 Video Input 3 Port B Data input I K7 vin3b_d1 Video Input 3 Port B Data input I M7 vin3b_d2 Video Input 3 Port B Data input I J5 vin3b_d3 Video Input 3 Port B Data input I K6 vin3b_d4 Video Input 3 Port B Data input I J7 vin3b_d5 Video Input 3 Port B Data input I J4 vin3b_d6 Video Input 3 Port B Data input I J6 vin3b_d7 Video Input 3 Port B Data input I H4 Video Input 4 vin4a_clk0 Video Input 4 Port A Clock input I P4 / B26 / B11 vin4a_de0 Video Input 4 Port A Data Enable input I H6 / C23 / B10 / P7 vin4a_fld0 Video Input 4 Port A Field ID input I J7 / F21 / P9 / D11 vin4a_hsync0 Video Input 4 Port A Horizontal Sync input I R3 / E21 / C11 / P7 vin4a_vsync0 Video Input 4 Port A Vertical Sync input I T2 / F20 / E11 / N1 vin4a_d0 Video Input 4 Port A Data input I R6 / B7 / B14 vin4a_d1 Video Input 4 Port A Data input I T9 / B8 / J14 vin4a_d2 Video Input 4 Port A Data input I T6 / A7 / G13 vin4a_d3 Video Input 4 Port A Data input I T7 / A8 / J11 vin4a_d4 Video Input 4 Port A Data input I P6 / C9 / E12 vin4a_d5 Video Input 4 Port A Data input I R9 / A9 / F13 vin4a_d6 Video Input 4 Port A Data input I R5 / B9 / C12 vin4a_d7 Video Input 4 Port A Data input I P5 / A10 / D12 vin4a_d8 Video Input 4 Port A Data input I E8 / U2 / E15 vin4a_d9 Video Input 4 Port A Data input I D9 / U1 / A20 vin4a_d10 Video Input 4 Port A Data input I D7 / P3 / B15 vin4a_d11 Video Input 4 Port A Data input I D8 / R2 / A15 vin4a_d12 Video Input 4 Port A Data input I A5 / K7 / D15 vin4a_d13 Video Input 4 Port A Data input I C6 / M7 / B16 vin4a_d14 Video Input 4 Port A Data input I C8 / J5 / B17 |