công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DRA754ABC bảng dữ liệu(PDF) 46 Page - Texas Instruments

tên linh kiện DRA754ABC
Giải thích chi tiết về linh kiện  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DRA754ABC bảng dữ liệu(HTML) 46 Page - Texas Instruments

Back Button DRA754ABC Datasheet HTML 42Page - Texas Instruments DRA754ABC Datasheet HTML 43Page - Texas Instruments DRA754ABC Datasheet HTML 44Page - Texas Instruments DRA754ABC Datasheet HTML 45Page - Texas Instruments DRA754ABC Datasheet HTML 46Page - Texas Instruments DRA754ABC Datasheet HTML 47Page - Texas Instruments DRA754ABC Datasheet HTML 48Page - Texas Instruments DRA754ABC Datasheet HTML 49Page - Texas Instruments DRA754ABC Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 443 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
46
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Table 4-2. Ball Characteristics(1) (continued)
BALL NUMBER [1]
BALL NAME [2]
SIGNAL NAME [3]
74x [4]
MUXMODE
[5]
TYPE [6]
BALL
RESET
STATE [7]
BALL
RESET
REL.
STATE [8]
BALL
RESET
REL.
MUXMODE
[9]
I/O
VOLTAGE
VALUE [10]
POWER
[11]
HYS [12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
DSIS [15]
AD6
mmc3_dat5
mmc3_dat5
0
IO
PU
PU
15
1.8/3.3
vddshv7
Yes
Dual
Voltage
LVCMOS
PU/PD
1
spi4_d1
1
IO
0
uart10_txd
2
O
usb3_ulpi_dir
3
I
0
vin2b_d0
4
I
0
vin5a_d0
No
9
I
0
ehrpwm3B
10
O
gpio1_23
14
IO
Driver off
15
I
AB8
mmc3_dat6
mmc3_dat6
0
IO
PU
PU
15
1.8/3.3
vddshv7
Yes
Dual
Voltage
LVCMOS
PU/PD
1
spi4_d0
1
IO
0
uart10_ctsn
2
I
1
usb3_ulpi_stp
3
O
vin2b_de1
4
I
vin5a_hsync0
No
9
I
0
ehrpwm3_tripzone_input
10
IO
0
gpio1_24
14
IO
Driver off
15
I
AB5
mmc3_dat7
mmc3_dat7
0
IO
PU
PU
15
1.8/3.3
vddshv7
Yes
Dual
Voltage
LVCMOS
PU/PD
1
spi4_cs0
1
IO
1
uart10_rtsn
2
O
usb3_ulpi_clk
3
I
0
vin2b_clk1
4
I
vin5a_vsync0
No
9
I
0
eCAP3_in_PWM3_out
10
IO
0
gpio1_25
14
IO
Driver off
15
I
D21
nmin_dsp
nmin_dsp
0
I
PD
PD
1.8/3.3
vddshv3
Yes
Dual
Voltage
LVCMOS
PU/PD
Y11
on_off
on_off
0
O
PU
drive 1
(OFF)
1.8/3.3
vddshv5
Yes
BC1833IHH
V
PU/PD
AG13
pcie_rxn0
pcie_rxn0
0
I
OFF
OFF
1.8
vdda_pcie0
SERDES
AG11
pcie_rxn1
pcie_rxn1
No
0
I
OFF
OFF
1.8
vdda_pcie1
SERDES
AH13
pcie_rxp0
pcie_rxp0
0
I
OFF
OFF
1.8
vdda_pcie0
SERDES
AH11
pcie_rxp1
pcie_rxp1
No
0
I
OFF
OFF
1.8
vdda_pcie1
SERDES
AG14
pcie_txn0
pcie_txn0
0
O
1.8
vdda_pcie0
SERDES
AG12
pcie_txn1
pcie_txn1
No
0
O
1.8
vdda_pcie1
SERDES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More