| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ESD411DPLR bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ESD411DPLR bảng dữ liệu(HTML) 4 Page - Texas Instruments |
|
4 / 14 page ![]() 5 Specifications 5.1 Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted) (1) MIN MAX UNIT Peak Pulse (2) (3) IEC 61000-4-5 power (tp - 8/20 µs) 13 W IEC 61000-4-5 Current (tp - 8/20 µs) 1.5 A TA Ambient Operating Temperature -55 150 °C Tstg Storage Temperature -65 155 °C (1) Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute maximum ratings do not imply functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions. If briefly operating outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not sustain damage, but it may not be fully functional. Operating the device in this manner may affect device reliability, functionality, performance, and shorten the device lifetime. (2) Voltages are with respect to GND unless otherwise noted. (3) Measured at 25 ℃ 5.2 ESD Ratings—JEDEC Specification VALUE UNIT V(ESD) Electrostatic discharge Human body model (HBM), per ANSI/ESDA/ JEDEC JS-001 (1) ±2500 V Charged device model (CDM), per JEDEC specification JS-002 (2) ±1000 V (1) JEDEC document JEP155 states that 500V HBM allows safe manufactuuring with a standard ESD control proccess (2) JEDEC document JEP157 states that 250V CDM allows safe manufactuuring with a standard ESD control proccess. 5.3 ESD Ratings—IEC Specification VALUE UNIT V(ESD) Electrostatic discharge IEC 61000-4-2 contact discharge ±10000 V IEC 61000-4-2 air-gap discharge ±10000 5.4 Recommended Operating Conditions over operating free-air temperature range (unless otherwise noted) MIN NOM MAX UNIT VIO Input pin voltage Pin 1 to 2 0 5.5 V TA Operating free-air temperature -55 150 °C ESD411 SLVSJK6 – MARCH 2026 www.ti.com 4 Submit Document Feedback Copyright © 2026 Texas Instruments Incorporated Product Folder Links: ESD411 |