công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC39RFS10 bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện DAC39RFS10
Giải thích chi tiết về linh kiện  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 7Page - Texas Instruments DAC39RFS10 Datasheet HTML 8Page - Texas Instruments DAC39RFS10 Datasheet HTML 9Page - Texas Instruments DAC39RFS10 Datasheet HTML 10Page - Texas Instruments DAC39RFS10 Datasheet HTML 11Page - Texas Instruments DAC39RFS10 Datasheet HTML 12Page - Texas Instruments DAC39RFS10 Datasheet HTML 13Page - Texas Instruments DAC39RFS10 Datasheet HTML 14Page - Texas Instruments DAC39RFS10 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 232 page
background image
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage range
VDDA18A, VDDA18B(1)
1.71
1.8
1.89
V
VEEAM18, VEEBM18(1)
-1.89
-1.8
-1.71
V
VDDCLK18, VDDSYS18, VDDR18(2)
1.71
1.8
1.89
V
VDDLB, VDDLA, VDDCLK10(2)
0.95
1
1.05
V
VDDIO(3)
1.71
1.8
1.89
V
VQPS(3)
0
0
1.89
V
VDDDIG, VDDEB, VDDEA, VDDT(3)
0.95
1
1.05
V
VCMI
Input common mode voltage
CLK+, CLK–(2) (4)
0.4
V
VCMI
Input common mode voltage
SYSREF+, SYSREF–(2) (4)
0
0.4
1.0
V
VID
Input differential peak-to-peak voltage
SYSREF+ to SYSREF–
800
1000
2000
mVPP-DIFF
CLK+ to CLK–, fCLK < 5GHz
800
1000
1400
mVPP-DIFF
CLK+ to CLK–, 5GHz < fCLK < 7.5GHz
800
1000
1800
mVPP-DIFF
CLK+ to CLK–, fCLK > 7.5GHz
800
1000
2000
mVPP-DIFF
DCMIN
CLK+/– duty cycle minimum
45
%
DCMAX
CLK+/– duty cycle maximum
55
%
TA
Operating free-air temperature
-55
125
°C
TJ
Operating Junction Temperature
150(5)
°C
(1)
Measured to AGND.
(2)
Measured to VSSCLK.
(3)
Measured to DGND.
(4)
SYSREF+/- termination has two options. In option 1 the inputs are weakly self-biased to the optimal common mode voltage, which is
appropriate for AC coupling. In option 2, each input terminal is connected through 50Ohms to ground, which is appropriate to level shift
from a higher common mode voltage.
(5)
Die is designed for Tj = 150 °C operation and for device and die metallization degradation up to 150,000 POH continuous operation at
Tj = 122 °C. Prolonged use above a junction temperature of Tj =105 °C may, however, increase the package failure-in-time (FIT) rate.
6.4 Thermal Information
THERMAL METRIC(1)
17mm × 17mm FC-BGA
UNIT
256 PINS
RθJA
Junction-to-ambient thermal resistance
15.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.9
°C/W
RθJB
Junction-to-board thermal resistance
4.2
°C/W
ΨJT
Junction-to-top characterization parameter
0.4
°C/W
ΨJB
Junction-to-board characterization parameter
4.2
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
www.ti.com
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com