| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PISOS510DFGTSP bảng dữ liệu(PDF) 20 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PISOS510DFGTSP bảng dữ liệu(HTML) 20 Page - Texas Instruments |
|
20 / 22 page ![]() 11.1 Tape and Reel Information Reel Width (W1) REEL DIMENSIONS A0 B0 K0 W Dimension designed to accommodate the component length Dimension designed to accommodate the component thickness Overall width of the carrier tape Pitch between successive cavity centers Dimension designed to accommodate the component width TAPE DIMENSIONS K0 P1 B0 W A0 Cavity QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE Pocket Quadrants Sprocket Holes Q1 Q1 Q2 Q2 Q3 Q3 Q4 Q4 Reel Diameter User Direction of Feed P1 Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant XISOS510DFGTSP SO-4 DFG 4 250 330.0 12.4 8.0 3.8 2.7 12.0 12.0 Q1 ISOS510-SP SLVSJM3 – MAY 2026 www.ti.com 20 Submit Document Feedback Copyright © 2026 Texas Instruments Incorporated Product Folder Links: ISOS510-SP |