công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DMTH6016LFDFW-7 bảng dữ liệu(PDF) 2 Page - Diodes Incorporated

tên linh kiện DMTH6016LFDFW-7
Giải thích chi tiết về linh kiện  60V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH6016LFDFW-7 bảng dữ liệu(HTML) 2 Page - Diodes Incorporated

  DMTH6016LFDFW-7 Datasheet HTML 1Page - Diodes Incorporated DMTH6016LFDFW-7 Datasheet HTML 2Page - Diodes Incorporated DMTH6016LFDFW-7 Datasheet HTML 3Page - Diodes Incorporated DMTH6016LFDFW-7 Datasheet HTML 4Page - Diodes Incorporated DMTH6016LFDFW-7 Datasheet HTML 5Page - Diodes Incorporated DMTH6016LFDFW-7 Datasheet HTML 6Page - Diodes Incorporated DMTH6016LFDFW-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMTH6016LFDFW
Datasheet number: DS39885 Rev. 2 - 2
2 of 7
www.diodes.com
February 2018
© Diodes Incorporated
DMTH6016LFDFW
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6) VGS = 10V
TA = +25°C
TA = +100°C
ID
9.4
6.6
A
Pulsed Drain Current (10
μs Pulse, Duty Cycle = 1%)
IDM
70
A
Continuous Source-Drain Diode Current (Note 6)
IS
3.0
A
Pulsed Source-Drain Diode Current (10
μs Pulse, Duty Cycle = 1%)
ISM
70
A
Avalanche Current, L = 0.1mH (Note 7)
IAS
15.3
A
Avalanche Energy, L = 0.1mH (Note 7)
EAS
11.7
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
TA = +25°C
PD
1.06
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
141
°C/W
Total Power Dissipation (Note 6)
TA = +25°C
PD
2.3
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
63
°C/W
Thermal Resistance, Junction to Case (Note 6)
TC = +25°C
RθJC
9.6
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +175
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
60
—
—
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
IDSS
—
—
1
µA
VDS = 48V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(TH)
1
—
3
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
—
13.8
18
m
Ω
VGS = 10V, ID = 10A
20.3
27.5
VGS = 4.5V, ID = 6A
Diode Forward Voltage
VSD
—
—
1.0
V
VGS = 0V, IS = 10A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
—
925
—
pF
VDS = 30V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
—
242
—
Reverse Transfer Capacitance
Crss
—
25.4
—
Gate Resistance
Rg
—
1.3
—
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 4.5V)
Qg
—
7.5
—
nC
VDS = 30V, ID = 10A
Total Gate Charge (VGS = 10V)
Qg
—
15.3
—
Gate-Source Charge
Qgs
—
2.6
—
Gate-Drain Charge
Qgd
—
3.5
—
Turn-On Delay Time
tD(ON)
—
3.2
—
ns
VGS = 10V, VDS = 30V,
Rg = 6Ω, ID = 10A
Turn-On Rise Time
tR
—
4.2
—
Turn-Off Delay Time
tD(OFF)
—
14.5
—
Turn-Off Fall Time
tF
—
7.2
—
Reverse Recovery Time
tRR
—
20.8
—
ns
IF = 10A, di/dt = 100A/µs
Reverse Recovery Charge
QRR
—
11.4
—
nC
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. IAS and EAS ratings are based on low frequency and duty cycles to keep TJ = +25°C.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com