| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TN100Q bảng dữ liệu(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TN100Q bảng dữ liệu(HTML) 1 Page - STMicroelectronics |
|
1 / 8 page ![]() Data Brief For further information contact your local STMicroelectronics sales office. December 2006 Rev 1 1/8 8 TN100 High performance CSS transceiver enabling location awareness Features ■ Single-chip solution for ISM 2.45 GHz RF transceiver ■ Built-in ranging capability for link distance estimation ■ Modulation technique: chirp spread spectrum (CSS) ■ FDMA support: 7 channels, 3 non-overlapping ■ Data rates: 2, 1 Mbps; 500, 250, 125, 62.5, 31.25 kbps ■ Adjustable output power from -33 dBm to 0dBm ■ Receiver sensitivity: -97 dBm @ 250 kbps, FEC, and BER=10-3 ■ In-band carrier-to-interference C/I = 0 to 3 dB @ 250 kbps & C=-80 dBm ■ Supports external power amplifier to increase output power ■ High precision ranging: 2 m indoors and 1 m outdoors ■ Supply voltage range from 2.3 V to 2.7 V ■ Current consumption: 27 mA (RX), 30 mA (TX) @ 0 dBm ■ Standby current with active RTC: 2 µA ■ RSSI sensitivity: -95 dBm ■ 32.768 kHz clock available for external µC ■ Integrated fast SPI interface (32 Mbps) ■ Integrated MAC controller with FEC, CRC checking ■ CSMA/CA, FDMA, and TDMA modes ■ Automatic retransmission and acknowledgement ■ Automatic address matching ■ Industrial temperature range from -40°C to +85°C ■ QFN48 package www.st.com |
Số phần tương tự - TN100Q |
|
Mô tả tương tự - TN100Q |