công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DMTH4008LPDW bảng dữ liệu(PDF) 1 Page - Diodes Incorporated

tên linh kiện DMTH4008LPDW
Giải thích chi tiết về linh kiện  40V 175°C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH4008LPDW bảng dữ liệu(HTML) 1 Page - Diodes Incorporated

  DMTH4008LPDW Datasheet HTML 1Page - Diodes Incorporated DMTH4008LPDW Datasheet HTML 2Page - Diodes Incorporated DMTH4008LPDW Datasheet HTML 3Page - Diodes Incorporated DMTH4008LPDW Datasheet HTML 4Page - Diodes Incorporated DMTH4008LPDW Datasheet HTML 5Page - Diodes Incorporated DMTH4008LPDW Datasheet HTML 6Page - Diodes Incorporated DMTH4008LPDW Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMTH4008LPDW
Document number: DS42438 Rev. 1 - 2
1 of 7
www.diodes.com
May 2020
© Diodes Incorporated
DMTH4008LPDW
40V 175°C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
BVDSS
RDS(ON) Max
ID Max
TC = +25°C
40V
12.3m
Ω @ VGS = 10V
46.2A
17.5m
Ω @ VGS = 4.5V
38.7A
Description and Applications
This new generation MOSFET is designed to minimize the on-state
resistance (RDS(ON)) yet maintain superior switching performance,
making it ideal for high efficiency power management applications.
Power Management Functions
DC-DC Converters
Features and Benefits
Rated to +175°C
– Ideal for High Ambient Temperature
Environments
100% Unclamped Inductive Switching, Test in Production
–
Ensures More Reliable and Robust End Application
High Conversion Efficiency
Low RDS(ON) – Minimizes On State Losses
Low Input Capacitance
Fast Switching Speed
Wettable Flank for Improved Optical Inspection
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/200, PPAP capable, and
manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
An Automotive-Compliant Part is Available Under Separate
Datasheet (DMTH4008LPDWQ)
Mechanical Data
Case: PowerDI®5060-8
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
 Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.097 grams (Approximate)
PowerDI5060-8/SWP (Type UXD)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMTH4008LPDW-13
PowerDI5060-8/SWP (Type UXD)
2,500/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See http://www.diodes.com/quality/lead_free/
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
= Manufacturer’s Marking
TH4008LDW = Product Type Marking Code
YYWW or YYWW = Date Code Marking
YY or YY = Year (ex: 20 = 2020)
WW = Week (01 to 53)
D1
S1
G1
YY
D2
S2
G2
Bottom View
WW
Pin Out (Top View)
TH4008LDW
S1
D2
D1
G2
D1
D2
G1
S2
Equivalent Circuit
Top View
PowerDI is a registered trademark of Diodes Incorporated.


Số phần tương tự - DMTH4008LPDW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diodes Incorporated
DMTH4008LFDFW DIODES-DMTH4008LFDFW Datasheet
475Kb / 7P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
January 2018 Rev. 1 - 2
DMTH4008LFDFW-13 DIODES-DMTH4008LFDFW-13 Datasheet
475Kb / 7P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
January 2018 Rev. 1 - 2
DMTH4008LFDFW-7 DIODES-DMTH4008LFDFW-7 Datasheet
475Kb / 7P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
January 2018 Rev. 1 - 2
More results

Mô tả tương tự - DMTH4008LPDW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diodes Incorporated
DMTH45M5LPSW DIODES-DMTH45M5LPSW Datasheet
592Kb / 8P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 3 - 2 August 2022
DMTH45M5LPSWQ DIODES-DMTH45M5LPSWQ Datasheet
592Kb / 8P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 3 - 2 August 2022
DMTH45M5SPSW DIODES-DMTH45M5SPSW Datasheet
587Kb / 8P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 2 - 2 August 2022
DMTH6010LPDQ DIODES-DMTH6010LPDQ_V01 Datasheet
538Kb / 9P
60V 175°C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 4 - 2 December 2021
DMNH45M7SCT DIODES-DMNH45M7SCT Datasheet
475Kb / 6P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
August 2018 Rev. 4 - 2
DMTH43M8LFGQ DIODES-DMTH43M8LFGQ Datasheet
513Kb / 7P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
April 2023 Rev. 7 - 2
DMNH6035SPDWQ DIODES-DMNH6035SPDWQ Datasheet
752Kb / 7P
60V 175°C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
March 2023 Rev. 8 - 2
DMTH45M5LFVWQ DIODES-DMTH45M5LFVWQ Datasheet
719Kb / 8P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
March 2023 Rev. 3 - 2
DMTH46M7SFVWQ DIODES-DMTH46M7SFVWQ Datasheet
678Kb / 7P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
November 2022 Rev. 4 - 2
DMTH6010LPDWQ DIODES-DMTH6010LPDWQ Datasheet
572Kb / 7P
60V 175°C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
November 2022 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com