công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DMTH10H4M6SPS bảng dữ liệu(PDF) 2 Page - Diodes Incorporated

tên linh kiện DMTH10H4M6SPS
Giải thích chi tiết về linh kiện  100V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH10H4M6SPS bảng dữ liệu(HTML) 2 Page - Diodes Incorporated

  DMTH10H4M6SPS Datasheet HTML 1Page - Diodes Incorporated DMTH10H4M6SPS Datasheet HTML 2Page - Diodes Incorporated DMTH10H4M6SPS Datasheet HTML 3Page - Diodes Incorporated DMTH10H4M6SPS Datasheet HTML 4Page - Diodes Incorporated DMTH10H4M6SPS Datasheet HTML 5Page - Diodes Incorporated DMTH10H4M6SPS Datasheet HTML 6Page - Diodes Incorporated DMTH10H4M6SPS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMTH10H4M6SPS
Document number: DS41950 Rev. 2 - 2
2 of 7
www.diodes.com
April 2020
© Diodes Incorporated
DMTH10H4M6SPS
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
100
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current, VGS = 10V (Note 5)
Steady
State
TA = +25°C
TA = +100°C
ID
20
14
A
Continuous Drain Current, VGS = 10V (Note 6)
Steady
State
TC = +25°C
TC = +100°C
(Note 9)
ID
100
100
A
Pulsed Drain Current (10
μs Pulse, Duty Cycle = 1%)
IDM
400
A
Maximum Continuous Body Diode Forward Current (Note 6)
IS
65
A
Pulsed Body Diode Forward Current (10µs Pulse, TC = +25°C, Package Limited)
ISM
400
A
Avalanche Current (Note 7) L = 0.3mH
IAS
41
A
Avalanche Energy (Note 7) L = 0.3mH
EAS
252
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
TA = +25°C
PD
2.7
W
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
54
°C/W
Total Power Dissipation (Note 6)
TC = +25°C
PD
136
W
Thermal Resistance, Junction to Case (Note 6)
RθJC
1.1
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +175
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
100
—
—
V
VGS = 0V, ID = 10mA
Zero Gate Voltage Drain Current
IDSS
—
—
1
µA
VDS = 80V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
2
—
4
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS(ON)
—
3
4.6
m
Ω
VGS = 10V, ID = 30A
Diode Forward Voltage
VSD
—
0.8
1.2
V
VGS = 0V, IS = 30A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
—
4327
—
pF
VDS = 50V, VGS = 0V
f = 1MHz
Output Capacitance
Coss
—
1335
—
Reverse Transfer Capacitance
Crss
—
39
—
Gate Resistance
RG
—
2.1
—
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge
QG
—
66
—
nC
VDD = 50V, ID = 30A,
VGS = 10V
Gate-Source Charge
QGS
—
18
—
Gate-Drain Charge
QGD
—
17
—
Turn-On Delay Time
tD(ON)
—
15.2
—
ns
VDD = 50V, VGS = 10V,
ID = 30A, RG = 4.7Ω, RL = 1.1Ω
Turn-On Rise Time
tR
—
26.4
—
Turn-Off Delay Time
tD(OFF)
—
44.9
—
Turn-Off Fall Time
tF
—
28.2
—
Reverse Recovery Time
tRR
—
63
—
ns
IF = 22.5A, di/dt = 100A/µs
Reverse Recovery Charge
QRR
—
136
—
nC
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper pad layout.
6. Thermal resistance from junction to soldering point (on the exposed drain pad).
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.
9. Package limited.



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com