công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DI79L12DAB bảng dữ liệu(PDF) 1 Page - Diotec Semiconductor

tên linh kiện DI79L12DAB
Giải thích chi tiết về linh kiện  Negative Fixed Voltage Regulators Negativ Festspannungs-Regler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIOTEC [Diotec Semiconductor]
Trang chủ  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

DI79L12DAB bảng dữ liệu(HTML) 1 Page - Diotec Semiconductor

  DI79L12DAB Datasheet HTML 1Page - Diotec Semiconductor DI79L12DAB Datasheet HTML 2Page - Diotec Semiconductor DI79L12DAB Datasheet HTML 3Page - Diotec Semiconductor DI79L12DAB Datasheet HTML 4Page - Diotec Semiconductor DI79L12DAB Datasheet HTML 5Page - Diotec Semiconductor DI79L12DAB Datasheet HTML 6Page - Diotec Semiconductor DI79L12DAB Datasheet HTML 7Page - Diotec Semiconductor DI79L12DAB Datasheet HTML 8Page - Diotec Semiconductor DI79L12DAB Datasheet HTML 9Page - Diotec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DI79LxxDAB
DI79LxxDAB
Negative Fixed Voltage Regulators
Negativ Festspannungs-Regler
VIN
= -30 ... -40 V
VOut = -5.0 ... -24 V
Tol. = ± 5%
IO
= 0.1 A
Tjmax = 125°C
Version 2023-01-27
SO-8
SPICE Model & STEP File 1)
Marking
Type/Typ
HS Code 85423990
Typical Applications
High efficiency linear regulators
Active SCSI termination regulator,
Post regulators for switch mode
DC-DC converters
Battery backed-up regulated supply
Commercial / industrial grade
Suffix -Q: AEC-Q101 compliant 1)
Suffix -AQ: in AEC-Q101 qualification 1)
Typische Anwendungen
Hocheffiziente Linearregler
Aktive SCSI-Abschluss-Regler
Ausgangsregler für getaktete
Gleichstromwandler
Batterie-gestützte Spannungsversorgung
Standardausführung
Suffix -Q: AEC-Q101 konform 1)
Suffix -AQ: in AEC-Q101 Qualifikation 1)
Features
Thermal overload protection
Short circuit protection
Fixed voltages: -5.0V, -6.0V, -8.0V,
-9.0V, -10V, -12V, -15V, -18V, -24V
Also available in SOT-89 and TO-92
Compliant to RoHS (w/o exemp.)
REACH, Conflict Minerals 1)
Besonderheiten
Thermische Überlastsicherung
Kurzschlussfest
Festspannungswerte: -5.0V, -6.0V, -8.0V,
-9.0V, -10V, -12V, -15V, -18V, -24V
Auch erhältlich in SOT-89 und TO-92
Konform zu RoHS (ohne Ausn.)
REACH, Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1)
Taped and reeled
4000 / 7“
Gegurtet auf Rolle
Weight approx.
0.08 g
Gewicht ca.
Case material
UL 94V-0
Gehäusematerial
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL = 3
Maximum ratings 2)
Grenzwerte 2)
Input voltage
Eingangsspannung
VO = -5.0 ... -10V
VO = -12 ... -18V
VO = -24V
VIN
-30 V
-35 V
-40 V
Output current
Ausgangsstrom
IO
100 mA
Power dissipation
Verlustleistung
Ptot
– 3)
Junction temperature
Sperrschichttemperatur
Tj
-40 ... +125°C
Storage temperature
Lagerungstemperatur
TS
-55…+150°C
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
TA = 25°C, unless otherwise specified – TA = 25°C, wenn nicht anders angegeben
3
Internally limited – Intern begrenzt
© Diotec Semiconductor AG
http://www.diotec.com/
1
Pb
RoHS
1
2 3
4
5
6
7
8


Số phần tương tự - DI79L12DAB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diotec Semiconductor
DI78L05DAB DIOTEC-DI78L05DAB Datasheet
732Kb / 13P
Positive Fixed Voltage Regulators Positive Festspannungs-Regler
2024-05-07
DI78L05UAB DIOTEC-DI78L05UAB Datasheet
590Kb / 12P
Positive Fixed Voltage Regulators Positive Festspannungs-Regler
2024-09-11
DI78L05UAB-AQ DIOTEC-DI78L05UAB-AQ Datasheet
590Kb / 12P
Positive Fixed Voltage Regulators Positive Festspannungs-Regler
2024-09-11
DI78L06DAB DIOTEC-DI78L06DAB Datasheet
732Kb / 13P
Positive Fixed Voltage Regulators Positive Festspannungs-Regler
2024-05-07
DI78L06UAB DIOTEC-DI78L06UAB Datasheet
590Kb / 12P
Positive Fixed Voltage Regulators Positive Festspannungs-Regler
2024-09-11
More results

Mô tả tương tự - DI79L12DAB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC79M00 MOTOROLA-MC79M00 Datasheet
118Kb / 8P
THREE-TERMINAL NEGATIVE FIXED VOLTAGE REGULATORS
logo
Seme LAB
IP1R17A SEME-LAB-IP1R17A Datasheet
32Kb / 4P
3 AMP FIXED NEGATIVE VOLTAGE REGULATORS
IP1R19A SEME-LAB-IP1R19A Datasheet
31Kb / 4P
5 AMP FIXED NEGATIVE VOLTAGE REGULATORS
logo
Hitachi Semiconductor
HA179L00 HITACHI-HA179L00 Datasheet
55Kb / 13P
3-terminal Negative Fixed Voltage Regulators
logo
Vishay Siliconix
MC79XXCT VISHAY-MC79XXCT Datasheet
74Kb / 8P
3-Terminal Fixed Negative Voltage Regulators
11-Jun-02
logo
Microsemi Corporation
SG7900 MICROSEMI-SG7900 Datasheet
374Kb / 7P
negative fixed voltage regulators
logo
Renesas Technology Corp
HA179L00 RENESAS-HA179L00 Datasheet
143Kb / 10P
3-terminal Negative Fixed Voltage Regulators
HA179L00 RENESAS-HA179L00_15 Datasheet
131Kb / 9P
3-terminal Negative Fixed Voltage Regulators
logo
Anaren Microwave
MSK5000 ANAREN-MSK5000 Datasheet
780Kb / 7P
DUAL POSITIVE/NEGATIVE, DUAL POSITIVE/NEGATIVE, FIXED VOLTAGE REGULATORS
logo
Diotec Semiconductor
DI78M05UAB DIOTEC-DI78M05UAB Datasheet
721Kb / 3P
Positive Fixed Voltage Regulators Positive Festspannungs-Regler
Version 2021-09-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com