| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M41T00M bảng dữ liệu(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41T00M bảng dữ liệu(HTML) 3 Page - STMicroelectronics |
|
3 / 15 page ![]() 3/15 M41T00 Table 3. Register Map Note: 1. When CEB is set to ’1’, CB will toggle from ’0’ to ’1’ or from ’1’ to ’0’ at the turn of the century (dependent upon the initial value set). When CEB is set to ’0’, CB will not toggle. Address Data Function/Range BCD Format D7 D6 D5 D4 D3 D2 D1 D0 0 ST 10 Seconds Seconds Seconds 00-59 1 X 10 Minutes Minutes Minutes 00-59 2 CEB (1) CB 10 Hours Hours Century/Hour 0-1/00-23 3 XXXXX Day Day 01-07 4 X X 10 Date Date Date 01-31 5 X X X 10 M. Month Month 01-12 6 10 Years Years Year 00-99 7 OUT FT S Calibration Control Figure 3. Block Diagram AI00603 SECONDS OSCILLATOR 32.768 kHz VOLTAGE SENSE and SWITCH CIRCUITRY SERIAL BUS INTERFACE DIVIDER CONTROL LOGIC ADDRESS REGISTER MINUTES CENTURY/HOURS DAY DATE MONTH YEAR CONTROL OSCI OSCO FT/OUT VCC VSS VBAT SCL SDA 1 Hz Keys: S = SIGN Bit FT = FREQUENCY TEST Bit ST = STOP Bit OUT = Output level X = Don’t care CEB = Century Enable Bit CB = Century Bit |