công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC0801DRN-F bảng dữ liệu(PDF) 32 Page - Powertip Technology

tên linh kiện PC0801DRN-F
Giải thích chi tiết về linh kiện  OUTLINE DIMENSION & BLOCK DIAGRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  POWERTIP [Powertip Technology]
Trang chủ  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PC0801DRN-F bảng dữ liệu(HTML) 32 Page - Powertip Technology

Back Button PC0801DRN-F Datasheet HTML 28Page - Powertip Technology PC0801DRN-F Datasheet HTML 29Page - Powertip Technology PC0801DRN-F Datasheet HTML 30Page - Powertip Technology PC0801DRN-F Datasheet HTML 31Page - Powertip Technology PC0801DRN-F Datasheet HTML 32Page - Powertip Technology PC0801DRN-F Datasheet HTML 33Page - Powertip Technology PC0801DRN-F Datasheet HTML 34Page - Powertip Technology PC0801DRN-F Datasheet HTML 35Page - Powertip Technology PC0801DRN-F Datasheet HTML 36Page - Powertip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 65 page
background image
ST7066U
V2.0
2001/03/01
9/42
!"
Function Description
#" System Interface
This chip has all two kinds of interface type with MPU : 4-bit bus and 8-bit bus. 4-bit bus or 8-bit bus is selected
by DL bit in the instruction register.
During read or write operation, two 8-bit registers are used. One is data register (DR), the other is instruction
register(IR).
The data register(DR) is used as temporary data storage place for being written into or read from
DDRAM/CGRAM, target RAM is selected by RAM address setting instruction. Each internal operation, reading
from or writing into RAM, is done automatically. So to speak, after MPU reads DR data, the data in the next
DDRAM/CGRAM address is transferred into DR automatically. Also after MPU writes data to DR, the data in DR
is transferred into DDRAM/CGRAM automatically.
The Instruction register(IR) is used only to store instruction code transferred from MPU. MPU cannot use it to
read instruction data.
To select register, use RS input pin in 4-bit/8-bit bus mode.
Table 1. Various kinds of operations according to RS and R/W bits.
#" Busy Flag (BF)
When BF = "High”, it indicates that the internal operation is being processed. So during this time the next
instruction cannot be accepted. BF can be read, when RS = Low and R/W = High (Read Instruction Operation),
through DB7 port. Before executing the next instruction, be sure that BF is not High.
#" Address Counter (AC)
Address Counter(AC) stores DDRAM/CGRAM address, transferred from IR.
After writing into (reading from) DDRAM/CGRAM, AC is automatically increased (decreased) by 1.
When RS = "Low" and R/W = "High", AC can be read through DB0 ~ DB6 ports.
RS R/W
Operation
L
L
Instruction Write operation (MPU writes Instruction code
into IR)
L
H
Read Busy Flag(DB7) and address counter (DB0 ~ DB6)
H
L
Data Write operation (MPU writes data into DR)
H
H
Data Read operation (MPU reads data from DR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com