| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M36W432B bảng dữ liệu(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M36W432B bảng dữ liệu(HTML) 32 Page - STMicroelectronics |
|
32 / 57 page ![]() M36W432T, M36W432B 32/57 Figure 15. SRAM Standby AC Waveforms Table 19. SRAM Read AC Characteristics Note: 1. Sampled only. Not 100% tested. Symbol Alt Parameter SRAM Unit Min Max tAVAV tRC Read Cycle Time 70 ns tAVQV tAA Address Valid to Output Valid 70 ns tAXQX tOH Address Transition to Output Transition 10 ns tBHQZ tBHZ UBS, LBS Disable to Hi-Z Output 25 ns tBLQV tBA UBS, LBS Access Time 70 ns tBLQX tBLZ UBS, LBS Enable to Low-Z Output 10 ns tE1HQZ tHZ1 Chip Enable 1 High to Output Hi-Z 25 ns tE1LQV tCO1 Chip Enable 1 Low to Output Valid 70 ns tE1LQX tLZ1 Chip Enable 1 Low to Output Transition 10 ns tE2HQV tCO2 Chip Enable 2 High to Output Valid 70 ns tE2HQX tLZ2 Chip Enable 2 High to Output Transition 10 ns tE2LQZ tHZ2 Chip Enable 2 Low to Output Hi-Z 25 ns tGHQZ tOHZ Output Enable High to Output Hi-Z 25 ns tGLQV tOE Output Enable Low to Output Valid 35 ns tGLQX tOLZ Output Enable Low to Output Transition 5 ns tPD (1) Chip Enable 1 High or Chip Enable 2 Low to Power Down 70 ns tPU (1) Chip Enable 1 Low or Chip Enable 2 High to Power Up 0 ns AI05213 tPD E2S IDD tPU 50% E1S |