| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TA261 bảng dữ liệu(PDF) 20 Page - Pico Technology Ltd. |
|
|
|||||||||||||||||||||||||||||
TA261 bảng dữ liệu(HTML) 20 Page - Pico Technology Ltd. |
|
20 / 42 page ![]() PicoScope® 6000E Series Arbitrary waveform and function generator All PicoScope 6000E models have a built-in 50 MHz function (sine and square wave) generator, with triangle, DC level, white noise, PRBS and other waveforms possible at lower frequencies. As well as basic controls to set level, offset and frequency, more advanced controls allow you to sweep over a range of frequencies. Combined with the spectrum peak- hold option, this makes a powerful tool for testing amplifier and filter responses. Trigger tools allow one or more cycles of a waveform to be output when various conditions are met, such as the scope triggering, a trigger event on the aux input, or a mask limit test failing. All models also include a 14-bit 200 MS/s arbitrary waveform generator (AWG). This has a variable sample clock, which avoids the jitter on waveform edges seen with fixed-clock generators and allows generation of accurate frequencies down to 100 µHz. AWG waveforms can be created or edited using the built-in editor, imported from oscilloscope traces, loaded from a spreadsheet or exported to a CSV file. |