công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM-SERIES bảng dữ liệu(PDF) 5 Page - Honeywell Solid State Electronics Center

tên linh kiện DM-SERIES
Giải thích chi tiết về linh kiện  MICRO SWITCH™ Snap-in Panel Mount Basic Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HONEYWELL [Honeywell Solid State Electronics Center]
Trang chủ  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

DM-SERIES bảng dữ liệu(HTML) 5 Page - Honeywell Solid State Electronics Center

  DM-SERIES Datasheet HTML 1Page - Honeywell Solid State Electronics Center DM-SERIES Datasheet HTML 2Page - Honeywell Solid State Electronics Center DM-SERIES Datasheet HTML 3Page - Honeywell Solid State Electronics Center DM-SERIES Datasheet HTML 4Page - Honeywell Solid State Electronics Center DM-SERIES Datasheet HTML 5Page - Honeywell Solid State Electronics Center DM-SERIES Datasheet HTML 6Page - Honeywell Solid State Electronics Center DM-SERIES Datasheet HTML 7Page - Honeywell Solid State Electronics Center DM-SERIES Datasheet HTML 8Page - Honeywell Solid State Electronics Center DM-SERIES Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
sensing.honeywell.com
MICRO SWITCH™ Snap-in Panel Mount Basic Switches
Table 1. Specifications
Characteristic
Parameter
Description
snap-in panel mount basic switch
Actuators
momentary action
push-pull
push momentary, pull-to-cheat
Terminations
quick connect, 4,78 mm x 0,51 mm [0.188 in x 0.020 in]
Amp rating
10 A, 16 A
Operating temperature
-37 °C to 82 °C [-35 °F to 180 °F]
Operating force
4,17 N [15 oz] max.
Mechanical life
1 million operations, 95 % survival
Circuitry
SPNO, SPDT, DPDT
Voltage
125 Vac, 250 Vac, 277 Vac
Approvals
UL, CSA
Table 2. Electrical Ratings
Series
Electrical rating
DM
UL and CSA rating: 10 A, 1/2 HP, 125, 250 or 277 Vac
DP
UL standard 508, 14 A, 3/4 HP, 125, 250 Vac;
Pilot Duty: 150 V A – 125, 250 Vac; 16 A, 125, 250, 277 Vac; 3/4 HP, 125, 250 Vac
MOMENTARY ACTION
Momentary action switches are available in a choice of concave,
convex, or bullet nose plunger styles.
Concave plunger
Convex plunger
Bullet-nose plunger
Pull-to-cheat plunger
PUSH-PULL
When plunger is depressed, it remains in the depressed position
and maintains circuit transfer. Switch contacts return to the previ-
ous position when the plunger is pulled to the original extended
position.
PULL-TO-CHEAT
Pull-to-cheat operates normally as a momentary action switch.
However, by pulling the plunger beyond the normal free position, a
maintained-on position is achieved
.
POSSIBLE VARIATIONS
In addition to the standard quick-connect 4,78 mm x 0,51 mm
[0.188 in x 0.020 in] terminals, 6,35 mm x 0,81 mm [0.25 in x
0.032 in] terminals can be provided. The quick-connect terminals
can be provided with terminals formed at different angles. DM
plungers and faceplates are available in combinations of white,
black, gray, or red.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com