| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
KL372SZ bảng dữ liệu(PDF) 3 Page - APEM |
|
|
|||||||||||||||||||||||||||||
KL372SZ bảng dữ liệu(HTML) 3 Page - APEM |
|
3 / 16 page ![]() Function 1 * KL31-KL41 Function 5 KL35 - KL45 Function 6 KL36-KL46 * Function 1 : Only available for 6 terminal versions, illuminated versions only available with “A” wiring. Function 7 KL37-KL47 Function 8 KL38-KL48 Function 9 KL39-KL49 Function 4 KL44 Function 4-1R KL44-1R TERMINALS (.031) (.118DIAx0.50 IS) Ø3.00x0.50 SI 0.80 6.35 (.25) Screw (.122DIA) Ø3.10 (.25x.031) 6.35x0.80 Solder lug / quick-connect Normalized quick-connect 6.35x0.8 2.80x0.80 (.110x.031) (.047DIA) Ø1.20 Normalized quick-connect 2.8x0.8 Locking power rocker switches KL series ELECTRICAL FUNCTIONS AND CONNECTIONS In the tables below, terminal connections as viewed from bottom of switch. Only the contact area is represented. For single pole models, only terminals 1, 2 and 3 are to be considered (not 6, 5, 4). x = w/o terminal o = with terminal = momentary indice B ECHELLE: 0.45 le 25/02/10 FICHIER: CKLFUN-P4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 32 1 4 5 6 32 1 4 5 6 32 1 4 5 6 32 1 4 5 6 32 1 4 5 6 32 1 4 5 6 32 1 4 5 6 32 1 4 5 6 1 2 3 65 4 CKLFUN7894-A CKLFUN156-B 32 1 CKLFUN2-A 1 2 33 21 1 2 3 CKLFUN1-A 1 2 3 indice B ECHELLE: 0.45 le 25/02/10 FICHIER: CKLFUN-P4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 32 1 4 5 6 32 1 4 5 6 32 1 4 5 6 32 1 4 5 6 32 1 4 5 6 32 1 4 5 6 32 1 4 5 6 32 1 4 5 6 1 2 3 65 4 CKLFUN7894-A CKLFUN156-B 32 1 CKLFUN2-A 1 2 33 21 1 2 3 CKLFUN1-A 1 2 3 indice B ECHELLE: 0.45 le 25/02/10 FICHIER: CKLFUN-P4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 32 1 4 5 6 32 1 4 5 6 32 1 4 5 6 32 1 4 5 6 32 1 4 5 6 32 1 4 5 6 32 1 4 5 6 32 1 4 5 6 1 2 3 65 4 CKLFUN7894-A CKLFUN156-B 32 1 CKLFUN2-A 1 2 33 21 1 2 3 CKLFUN1-A 1 2 3 2 POSITIONS 3 POSITIONS Press unlocking actuator to unlock. indice B ECHELLE: 0.45 le 25/02/10 FICHIER: CKLFUN-P4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 32 1 4 5 6 32 1 4 5 6 32 1 4 5 6 32 1 4 5 6 32 1 4 5 6 32 1 4 5 6 32 1 4 5 6 32 1 4 5 6 1 2 3 65 4 CKLFUN7894-A CKLFUN156-B 32 1 CKLFUN2-A 1 2 33 21 1 2 3 CKLFUN1-A 1 2 3 indice B ECHELLE: 0.45 le 25/02/10 FICHIER: CKLFUN-P4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 32 1 4 5 6 32 1 4 5 6 32 1 4 5 6 32 1 4 5 6 32 1 4 5 6 32 1 4 5 6 32 1 4 5 6 32 1 4 5 6 1 2 3 65 4 CKLFUN7894-A CKLFUN156-B 32 1 CKLFUN2-A 1 2 33 21 1 2 3 CKLFUN1-A 1 2 3 indice B ECHELLE: 0.45 le 25/02/10 FICHIER: CKLFUN-P4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 1 2 3 65 4 32 1 4 5 6 32 1 4 5 6 32 1 4 5 6 32 1 4 5 6 32 1 4 5 6 32 1 4 5 6 32 1 4 5 6 32 1 4 5 6 1 2 3 65 4 CKLFUN7894-A CKLFUN156-B 32 1 CKLFUN2-A 1 2 33 21 1 2 3 CKLFUN1-A 1 2 3 3 |