công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RM1U0804VBK bảng dữ liệu(PDF) 1 Page - Hammond Manufacturing Ltd.

tên linh kiện RM1U0804VBK
Giải thích chi tiết về linh kiện  Rack-Mounted Instrument Enclosure
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HAMMOND [Hammond Manufacturing Ltd.]
Trang chủ  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

RM1U0804VBK bảng dữ liệu(HTML) 1 Page - Hammond Manufacturing Ltd.

  RM1U0804VBK Datasheet HTML 1Page - Hammond Manufacturing Ltd. RM1U0804VBK Datasheet HTML 2Page - Hammond Manufacturing Ltd. RM1U0804VBK Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/6/2019
Rack-Mounted Instrument Enclosure (RM Series) - Hammond Mfg.
https://www.hammfg.com/electronics/small-case/rack-mount/rm
1/3
Chassis Tilt Bail
Mounting Hardware
Rack-Mounted Instrument Enclosure RM Series
Extruded Aluminum, 19" Rack-Mount or Desktop Use
Features
Strong construction yet light weight using all aluminum components
Suitable for desk top or rack mountable applications.
Knockdown design ships un-assembled for easy handling and shipping protection.
Strong construction using:
extruded aluminum side panels 0.125" (3.2 mm) thick
extruded aluminum front & rear panels 0.125" (3.2mm) thick
flat aluminum top and bottom panels 0.064" (1.6 mm) thick
Can be used with or without rack mounting brackets (one pair included)
Front & rear panel are interchangeable.
Enclosure is finished in rugged, textured, black powder paint.
Includes top, bottom, sides, self adhesive rubber feet, rack mount brackets and all
assembly hardware
Pull handles & adjustable rear bracket rack mount kit (for deeper models) are not included
with unit (see tables & accessories below).
RoHS Compliant.
Manufactured in North America.
Accessories
Part No.
Part No.
Overall Dimensions
Includes
Accepts
Adj. Rear Bracket
19" Rack
Rack Mount
Solid
Vented
Mounting
Pull Handle
Part No.
Top/Bottom
Top/Bottom
Height
Width
Depth
Rack Units
Flanges
Part No.
(Sold in Pairs)
RM1U0804SBK
RM1U0804VBK
1.75
8.30
4.25
1U
No
1427B2BK
RM1U0808SBK
RM1U0808VBK
1.75
8.30
8.00
1U
No
1427B2BK
RM1U1908SBK
RM1U1908VBK
1.75
16.60
8.00
1U
Yes
1427B2BK
RM1U1913SBK
RM1U1913VBK
1.75
16.60
13.00
1U
Yes
1427B2BK
RM1U1918SBK
RM1U1918VBK
1.75
16.60
18.00
1U
Yes
1427B2BK
RM1U18BRKT
RM1U1922SBK
RM1U1922VBK
1.75
16.60
22.00
1U
Yes
1427B2BK
RM1U18BRKT
RM2U0804SBK
RM2U0804VBK
3.50
8.30
4.25
2U
No
1427E2BK
RM2U0808SBK
RM2U0808VBK
3.50
8.30
8.00
2U
No
1427E1BK
RM2U1908SBK
RM2U1908VBK
3.50
16.60
8.00
2U
Yes
1427E1BK
RM2U1913SBK
RM2U1913VBK
3.50
16.60
13.00
2U
Yes
1427E1BK
RM2U1918SBK
RM2U1918VBK
3.50
16.60
18.00
2U
Yes
1427E1BK
RM2U18BRKT
RM2U1922SBK
RM2U1922VBK
3.50
16.60
22.00
2U
Yes
1427E1BK
RM2U18BRKT
RM3U0804SBK
RM3U0804VBK
5.25
8.30
4.25
3U
No
1427P1BK
RM3U0808SBK
RM3U0808VBK
5.25
8.30
8.00
3U
No
1427P1BK
RM3U1908SBK
RM3U1908VBK
5.25
16.60
8.00
3U
Yes
1427P1BK
RM3U1913SBK
RM3U1913VBK
5.25
16.60
13.00
3U
Yes
1427P1BK
RM3U1918SBK
RM3U1918VBK
5.25
16.60
18.00
3U
Yes
1427P1BK
RM3U18BRKT
RM3U1922SBK
RM3U1922VBK
5.25
16.60
22.00
3U
Yes
1427P1BK
RM3U18BRKT
RM4U1908SBK
RM4U1908VBK
7.00
16.60
8.00
4U
Yes
1427P1BK
Quality Products. Service Excellence.


Số phần tương tự - RM1U0804VBK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hammond Manufacturing L...
RM1U0804VBK HAMMOND-RM1U0804VBK Datasheet
235Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
RM1U0804VBK HAMMOND-RM1U0804VBK Datasheet
172Kb / 3P
Rack-Mounted Instrument Enclosure RM Series Extruded Aluminum, 19" Rack-Mount or Desktop Use
1/5/2021
RM1U0804VBK HAMMOND-RM1U0804VBK Datasheet
146Kb / 2P
Rack-Mounted Instrument Enclosure RM Series Extruded Aluminum, 19" Rack-Mount or Desktop Use
10/22/2017
RM1U0804VBK HAMMOND-RM1U0804VBK Datasheet
65Kb / 3P
Rugged Rack Chassis RM Series
More results

Mô tả tương tự - RM1U0804VBK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MTRONPTI
PA2088 MTRONPTI-PA2088 Datasheet
993Kb / 2P
Rack mounted system
PA2098 MTRONPTI-PA2098 Datasheet
346Kb / 2P
Rack mounted system
logo
M-System Co.,Ltd.
17BXE MSYSTEM-17BXE Datasheet
144Kb / 5P
Rack-mounted Power Transducers 17-RACK
17CE MSYSTEM-17CE Datasheet
90Kb / 2P
Rack-mounted Power Transducers 17-RACK
17HZ MSYSTEM-17HZ Datasheet
92Kb / 2P
Rack-mounted Power Transducers 17-RACK
17MK MSYSTEM-17MK Datasheet
87Kb / 2P
Rack-mounted Power Transducers 17-RACK
17PA MSYSTEM-17PA Datasheet
98Kb / 3P
Rack-mounted Power Transducers 17-RACK
17RK MSYSTEM-17RK Datasheet
88Kb / 2P
Rack-mounted Power Transducers 17-RACK
17TS MSYSTEM-17TS Datasheet
94Kb / 3P
Rack-mounted Power Transducers 17-RACK
logo
PANDUIT CORP.
FRME1U PANDUIT-FRME1U Datasheet
268Kb / 2P
FIBER RACK MOUNTED ENCLOSURE (FRME1U) CUSTOMER DRAWING
11-12-07
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com