| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M3488 bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M3488 bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 18 page ![]() INSTRUCTION3: LOADING ON A PCM OUTPUT CHANNEL FROM A MICROPROCESSOR BYTE Control Signals Data Bus Notes Match C/D CS WR RD D7 D6 D5 D4 D3 D2 D1 D0 X 0 0 0 1 X X X X X Ci7 Ci6 Ci5 1 st Data Byte: most significant digits to be inserted. X 0 0 0 1 X X X Ci4 Ci3 Ci2 Ci1 Ci0 2 nd Data Byte: least significant digits to be inserted. X 0 0 0 1 X X X X X Bo2 Bo1 Bo0 3 rd Data Byte: selected output bus. X 0 0 0 1 X X X Co4 Co3 Co2 Co1 Co0 4th Data Byte: selected output channel.. Yes/no 1 0 0 1 X X X X 0 1 0 0 Instruction Opcode Yes 0 0 1 0 C7 (1 (Ci7 C6 1 Ci6 C5 1 Ci5 C4 1 Ci4 C3 1 Ci3 C2 1 Ci2 C1 1 Ci1 C0 1) Ci0) OR1: CM content copy, that is, for mismatch condition, for match condition Yes 1 0 1 0 A7 (Bo2 A6 Bo1 A5 Bo0 1 1 0 0 1 1 1 1 1 1) OR2: that is. Notes : S7...S0 is a parallel copy of a P CM data, S7 is the most signi ficant digit and the first of the sequence. INSTRUCTION2: OUTPUT CHANNEL DISCONNECTION Control Signals Data Bus Notes Match C/D CS WR RD D7 D6 D5 D4 D3 D2 D1 D0 X 0 0 0 1 X X X X X Bo2 Bo1 Bo0 1 st Data Byte: selected output bus. X 0 0 0 1 X X X Co4 Co3 Co2 Co1 Co0 2 nd Data Byte: selected output channel. Yes 1 0 0 1 X X X X 0 0 1 0 Instruction Opcode Yes 00 10 11 1 1 1 1 1 1 OR1: CM Content Copy (output channel is inactive) Yes 10 10 A7 (Bo2 A6 Bo1 A5 Bo0 1 1 0 0 1 1 1 1 1 1) OR2: that is. INSTRUCTION4: TRANSFER OF A SINGLE PCM SAMPLE Control Signals Data Bus Notes Match C/D CS WR RD D7 D6 D5 D4 D3 D2 D1 D0 X 0 0 0 1 X X X X X Bo2 Bo1 Bo0 1 st Data Byte: selected output bus. X 0 0 0 1 X X X Co4 Co3 Co2 Co1 Co0 2 nd Data Byte: selected output channel. Yes 1 0 0 1 X X X X 1 0 1 1 Instruction Opcode Yes 00 10 C7 S7 C6 S6 C5 S5 C4 S4 C3 S3 C2 S2 C1 S1 C0 S0 OR1: CM Content Copy if C8 = 1; or SM Content Sample if C8 = 0 Yes 10 10 A7 (Bo2 A6 Bo1 A5 Bo0 1 1 0 0 1 1 1 1 1 1) OR2: that is. M3488 14/18 |