| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
KL482DZ bảng dữ liệu(PDF) 2 Page - APEM |
|
|
|||||||||||||||||||||||||||||
KL482DZ bảng dữ liệu(HTML) 2 Page - APEM |
|
2 / 16 page ![]() Locking power rocker switches KL series MATRIX MOUNTING (.984 min.) 25.00 mini (.157) 4.00 47.00 mini (1.850 min.) 10.20 (.402) FICHIER: CKLDE-P11 le 18/03/08 ECHELLE: 0.625 indice A CKLDE1-A ON SPECIFIC MATRIX MOUNTING FOR Z VERSION FICHIER: CKLDEZ le 30/09/16 ECHELLE: 0.625 CKLDEZ (1.063 min.) 27.00 mini (.236) 6.00 48.50 mini (1.909 min.) 11.70 (.460) ON • Case : PA 6-6 • Actuator : ABS • Unlocking actuator : ABS or elastomeric membrane • Bezel : PA 6-6 • Contacts & terminals : brass, solid silver grain, silver plated ( A or S) or brass, solid silver grain, gold plated (D) • Contact roller : brass, nickel plated APEM products may be recycled at end-of-life for the re-claiming of valuable metal components. MATERIALS • Sealing is optional. To order a sealed product, complete the appropriate box of ordering format on the following pages. SEALING 21.08 0/+0.3 (.830 0/+.012) CKRDE3-C PANEL CUT-OUT (.984 min.) 25.00 mini (.157) 4.00 47.00 mini (1.850 min.) 10.20 (.402) FICHIER: CKLDE-P11 le 18/03/08 ECHELLE: 0.625 indice A CKLDE1-A ON FICHIER: CKLDEZ le 30/09/16 ECHELLE: 0.625 CKLDEZ (1.063 min.) 27.00 mini (.236) 6.00 48.50 mini (1.909 min.) 11.70 (.460) ON 2 |