| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
G5LE bảng dữ liệu(PDF) 4 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
G5LE bảng dữ liệu(HTML) 4 Page - Omron Electronics LLC |
|
4 / 5 page ![]() G5LE G5LE Terminal Arrangement/ Internal Connections (Bottom View) Mounting Holes (Bottom View) SPDT 6 SPST-NO SPDT SPST-NO + $$ , + $$ , Terminal Arrangement/ Internal Connections (Bottom View) Mounting Holes (Bottom View) SPDT 6 SPST-NO SPDT SPST-NO + $$ , + $$ , STANDARD REVERSE $ $# $ $# $ $ $# $&# $ $&# $ $# $ $&# $ $&# $ $# $# $ $ $# $ $&# $ $&# $ $# $# $ $ $# $ $&# $ $&# $ $# $# $ ): B "9 $# $# $# $# $# $# $# $# APPROVALS UL325, UL508, UL1409, UL1950 (File No. E41643) ' ! ! 0*4/(! # 36 /#! # 06 /(! 3 /# 36 /#! '( 66666 = # 3 /#! ' 06E 56! 4% ) ?4 36 /#! 6666 = * %# * ,# 36 /#! 66666 = ?3 )%% # 6! 33% %# 06 ,# 36 /#! 7 " 66666 = /0 36 /#! )! ?6 36 /#! 6666 = 3 %# * ,# 36 /#! 66666 = ?3 )%% # 6! 33% 6 # 36 /#! 4 # 06 /(! ) ?1 36 /#! 6666 = ?0 3 /#! 06E 56! 4% )! ?4 36 /#! 6666 = ) = 9 ""& F#$G / |