| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FPM-7151T-R3AE bảng dữ liệu(PDF) 2 Page - Advantech Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
FPM-7151T-R3AE bảng dữ liệu(HTML) 2 Page - Advantech Co., Ltd. |
|
2 / 2 page ![]() Two Steps to Pick the Model You Need 1. Monitor size and ratio (4:3/16:9) 2. Ruggedized features for vertical (i.e. Wide temp, stainless steel, C1D2 certified) P/N Description Size Touch Video Input True Flat Wide Temp Power List Price Widescreen Monitor with Multi-touch FPM-7151W-P3AE 15.6" Wide Screen Ind. Monitor w/PCT TS (VGA/DVI) 15.6 PCAP VGA/DVI V - DC $1086 FPM-7181W-P3AE 18.5" Wide Screen Ind. Monitor w/PCT TS (VGA/DVI) 18.5 PCAP VGA/DVI V - DC $1212 FPM-7211W-P3AE 21.5" Wide Screen Ind. Monitor w/PCT TS (VGA/DVI) 21.5 PCAP VGA/DVI V - DC $1339 FPM-215W-P4AE 15.6" Wide Screen Ind. Monitor w/ PCAP TS (HDMI) 15.6 PCAP HDMI V - AC/DC ADP $820 FPM-221W-P4AE 21.5" Wide Screen Ind. Monitor w/ PCAP TS (HDMI) 21.5 PCAP HDMI V - AC/DC ADP $960 4:3 True-flat Wide Temp Monitor FPM-7061T-R3AE 6.5" VGA Ind Monitor w/RS TS (VGA/DP), Wide Temp 6.5 RS VGA/DP V V DC $561 FPM-7121T-R3AE 12.1" XGA Ind Monitor w/RS TS (VGA/DP), Wide Temp 12.1 RS VGA/DP V V DC $798 FPM-7151T-R3AE 15" XGA Ind Monitor w/RS TS (VGA/DP), Wide Temp 15 RS VGA/DP V V DC $855 FPM7121TR3A1701E-T (Sunlight Readable) 12.1" Ind Monitor w/Resistive TS (VGA/DP), Wide Temp, UV 12.1 RS VGA/DP V V DC $1182 FPM7151TR3A1602E-T (Sunlight Readable) 15" Ind Monitor w/Resistive TS (VGA/DP), Wide Temp, UV 15 RS VGA/DP V V DC $1582 4:3 Stainless Steel Wide Temp Monitor FPM-8151H-R3BE 15" C1D2-certified Stainless Steel Ind. Monitor w/RS TS (VGA/DVI), Wide Temp 15 RS VGA/DVI - V DC $1637 FPM-815S-R6AE 15" Stainless Steel Ind. Monitor w/ RS TS (VGA/DP), Wide Temp 15 RS VGA/DP V V DC $855 FPM-817S-R6AE 17" Stainless Steel Ind. Monitor w/ RS TS (VGA/DP), Wide Temp 17 RS VGA/DP V V DC $885 |