công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LX7206 bảng dữ liệu(PDF) 2 Page - Microsemi Corporation

tên linh kiện LX7206
Giải thích chi tiết về linh kiện  Integrated EMI Filter & ESD Protection for Earpiece Speaker & Microphone Ports
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX7206 bảng dữ liệu(HTML) 2 Page - Microsemi Corporation

  LX7206 Datasheet HTML 1Page - Microsemi Corporation LX7206 Datasheet HTML 2Page - Microsemi Corporation LX7206 Datasheet HTML 3Page - Microsemi Corporation LX7206 Datasheet HTML 4Page - Microsemi Corporation LX7206 Datasheet HTML 5Page - Microsemi Corporation LX7206 Datasheet HTML 6Page - Microsemi Corporation LX7206 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LX7206
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 2004
Rev. 1.0, 2004-10-05
Integrated EMI Filter & ESD Protection for
Earpiece Speaker & Microphone Ports
TM
®
ABSOLUTE MAXIMUM RATINGS
Peak Pulse Power (tp = 8/20 µs ) IEC61000-4-5 ..........................................250W
Peak Pulse Current (tp = 8/20 µs ) IEC61000-4-5 ...........................................26A
ESD Air Discharge per IEC61000-4-2 .........................................................30KV
ESD Contact Discharge per IEC61000-4-2 ..................................................30KV
Operating Temperature ................................................................-40°C to +125°C
Storage Temperature Range.........................................................-55°C to +150°C
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to
Ground. Currents are positive into, negative out of specified terminal
.
PACKAGE PIN OUT
SP PACKAGE
(Top View)
FUNCTIONAL PIN DESCRIPTION
Name
Description
A1
Line 1 input
B1
Line 1 output
A2 & B2
Ground
A3
Line 2 input
B3
Line 2 output
ELECTRICAL CHA RACTERISTICS
y
Unless otherwise specified, the following specifications apply over the operating ambient temperature 0°C
≤ TA ≤ 70°C except where
otherwise noted.
LX7206
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
SECTION HEADER
Stand-Off Voltage
VRWM
5.0
V
Breakdown Voltage
VBR
IR = 1mA
6
V
Leakage Current
IR
VRWM = + -5.0V, T = 25°C
-1
1
µA
Series Resistance, A1 to B1
RS
9
10
11
Ω
Series Resistance, A3 to B3
RS
61
68
75
Ω
Temperature Coefficient of RS
TCOEFF
Each Line
200
ppm
Capacitor, A1 or B1 to GND
C
VR = 2.5V, f = 1 MHz
115
145
175
pF
Capacitor, A3 or B3 to GND
C
VR = 2.5V, f = 1 MHz
115
145
175
pF



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com