| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M29W320DB bảng dữ liệu(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M29W320DB bảng dữ liệu(HTML) 32 Page - STMicroelectronics |
|
32 / 56 page ![]() DC and AC parameters M29W320DT, M29W320DB 32/56 Table 11. DC Characteristics Symbol Parameter Test Condition Min Typ. Max Unit ILI Input Leakage Current 0V ≤VIN ≤VCC ±1 µ A ILO Output Leakage Current 0V ≤VOUT ≤VCC ±1 µ A ICC1 Supply Current (Read) E = VIL, G = VIH, f = 6MHz 510 mA ICC2 Supply Current (Standby) E = VCC ±0.2V, RP = VCC ±0.2V 35 100 µ A ICC3 (1) Supply Current (Program/Erase) Program/Eras e Controller active VPP/WP = VIL or VIH 20 mA VPP/WP = VPP 20 mA VIL Input Low Voltage –0.5 0.8 V VIH Input High Voltage 0.7VCC VCC +0.3 V VPP Voltage for VPP/WP Program Acceleration VCC = 3.0V ±10% 11.5 12.5 V IPP Current for VPP/WP Program Acceleration VCC = 3.0V ±10% 10 mA VOL Output Low Voltage IOL = 1.8mA 0.45 V VOH Output High Voltage IOH = –100µAVCC –0.4 V VID Identification Voltage 11.5 12.5 V IID Identification Current A9 = VID 100 µ A VLKO Program/Erase Lockout Supply Voltage 1.8 2.3 V 1. Sampled only, not 100% tested. |