| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M29W320DT bảng dữ liệu(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M29W320DT bảng dữ liệu(HTML) 36 Page - STMicroelectronics |
|
36 / 56 page ![]() DC and AC parameters M29W320DT, M29W320DB 36/56 Figure 12. Reset/Block Temporary Unprotect AC Waveforms Figure 13. Accelerated Program Timing Waveforms AI02931c RB W, RP tPLPX tPHWL, tPHEL, tPHGL tPLYH tPHPHH E, G tRHWL, tRHEL, tRHGL Table 15. Reset/Block Temporary Unprotect AC Characteristics Symbol Alt Parameter M29W320D Unit 70 90 tPHWL (1) tPHEL tPHGL (1) tRH RP High to Write Enable Low, Chip Enable Low, Output Enable Low Min 50 50 ns tRHWL (1) tRHEL (1) tRHGL (1) tRB RB High to Write Enable Low, Chip Enable Low, Output Enable Low Min 0 0 ns tPLPX tRP RP Pulse Width Min 500 500 ns tPLYH (1) tREADY RP Low to Read Mode Max 25 25 µs tPHPHH (1) tVIDR RP Rise Time to VID Min 500 500 ns tVHVPP (1) VPP Rise and Fall Time Min 250 250 ns 1. Sampled only, not 100% tested. AI90202 VPP/WP VPP VIL or VIH tVHVPP tVHVPP |