| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
KN900BA1/4 bảng dữ liệu(PDF) 3 Page - APEM |
|
|
|||||||||||||||||||||||||||||
KN900BA1/4 bảng dữ liệu(HTML) 3 Page - APEM |
|
3 / 6 page ![]() U U3 APEM, 63 Neck Road, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (978) 372-3534 E-mail: info@apem.com 42008 SERIES Square serrations with plastic insert and line indicator on side Notes: Dims. in inches & (millimeters). Shaft size is last 3 digits of Model No. 42009 SERIES Straight knurl with plastic insert and line indicator on top and chamfer around top 42011 SERIES Smooth finish with plastic insert and line indicator on top 42012 SERIES Straight knurl with plastic insert and line indicator on top MODEL (Color-natural) A B C 420121A1/8 .732 (18.6) .374 (9.5) .472 (12.0) 420121A1/4 .732 (18.6) .374 (9.5) .472 (12.0) 420122A1/4 .898 (22.8) .433 (11.0) .512 (13.0) 420123A1/4 1.280 (32.5) .492 (12.5) .551 (14.0) 420124A1/4 1.512 (38.4) .531 (13.5) .630 (16.0) MODEL (Color-natural) MODEL(Color-black) ABC 420111A1/8 420111B1/8 .709 (18.0) .374 (9.5) .472 (12.0) 420111A1/4 420111B1/4 .709 (18.0) .374 (9.5) .472 (12.0) 420112A1/4 420112B1/4 .874 (22.2) .433 (11.0) .512 (13.0) 420113A1/4 420113B1/4 1.255 (31.9) .492 (12.5) .551 (14.0) 420114A1/4 420114B1/4 1.488 (37.8) .531 (13.5) .630 (16.0) MODEL (Color black) ABC 420091B1/8 .732 (18.6) .374 (9.5) .472 (12.0) 420091B1/4 .732 (18.6) .374 (9.5) .472 (12.0) 420092B1/4 .898 (22.8) .433 (11.0) .512 (13.0) 420093B1/4 1.280 (32.5) .492 (12.5) .551 (14.0) 420094B1/4 1.512 (38.4) .531 (13.5) .630 (16.0) Note: Knob color is black only for this Series. MODEL (Color-natural) MODEL (Color-black) A B C D E F G 420081A1/8* 420081B1/8* .500 (12.7) .402 (10.2) .380 (9.7) .402 (10.2) .280 (7.1) .512 (13.0) .630 (16.0) 420081A1/4* 420081B1/4* .500 (12.7) .402 (10.2) .380 (9.7) .402 (10.2) .280 (7.1) .512 (13.0) .630 (16.0) 420083A1/4 420083B1/4 .748 (19.0) .681 (17.3) .587 (14.9) .681 (17.3) .280 (7.1) .512 (13.0) .630 (16.0) 420085A1/4 420085B1/4 .940 (23.9) .870 (22.1) .709 (18.0) .870 (22.1) .280 (7.1) .512 (13.0) .630 (16.0) 420087A1/4 420087B1/4 1.248 (31.7) 1.165 (29.6) .985 (25) 1.165 (29.6) .280 (7.1) .630 (16.0) .630 (16.0) * indicates solid aluminum knob Note: 420081A1/8 & 420081A1/4 have only one set screw. * indicates solid aluminum knob * indicates solid aluminum knob * indicates solid aluminum knob |