| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M29W017D bảng dữ liệu(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M29W017D bảng dữ liệu(HTML) 29 Page - STMicroelectronics |
|
29 / 36 page ![]() 29/36 M29W017D Table 19. CFI Query System Interface Information Table 20. Device Geometry Definition Address Data Description Value 1Bh 27h VCC Logic Supply Minimum Program/Erase voltage bit 7 to 4 BCD value in volts bit 3 to 0 BCD value in 100 mV 2.7V 1Ch 36h VCC Logic Supply Maximum Program/Erase voltage bit 7 to 4 BCD value in volts bit 3 to 0 BCD value in 100 mV 3.6V 1Dh 00h VPP [Programming] Supply Minimum Program/Erase voltage NA 1Eh 00h VPP [Programming] Supply Maximum Program/Erase voltage NA 1Fh 04h Typical timeout per single byte/word program = 2n µs 16µs 20h 00h Typical timeout for minimum size write buffer program = 2n µs NA 21h 0Ah Typical timeout per individual block erase = 2n ms 1s 22h 00h Typical timeout for full chip erase = 2n ms NA 23h 04h Maximum timeout for byte/word program = 2n times typical 256µs 24h 00h Maximum timeout for write buffer program = 2n times typical NA 25h 03h Maximum timeout per individual block erase = 2n times typical 8s 26h 00h Maximum timeout for chip erase = 2n times typical NA Address Data Description Value 27h 15h Device Size = 2n in number of bytes 2 MByte 28h 29h 00h 00h Flash Device Interface Code description x8 Async. 2Ah 2Bh 00h 00h Maximum number of bytes in multi-byte program or page = 2n NA 2Ch 01h Number of Erase Block Regions within the device. It specifies the number of regions within the device containing contiguous Erase Blocks of the same size. 1 2Dh 2Eh 1Fh 00h Region 1 Information Number of identical size erase block = 001Fh+1 32 2Fh 30h 00h 01h Region 1 Information Block size in Region 1 = 0100h * 256 byte 64 KByte |