| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CD74HC166M bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CD74HC166M bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 16 page ![]() 2 Functional Diagram TRUTH TABLE INPUTS INTERNAL Q STATES OUTPUT Q7 MASTER RESET PARALLEL ENABLE CLOCK ENABLE CLOCK SERIAL PARALLEL D0 D7 Q0 Q1 LX X X X X L L L H X L L X X Q00 Q10 Q0 HL L ↑ X a...h a b h HH L ↑ H X H Q0n Q6n HH L ↑ L X L Q0n Q6n HXH ↑ X X Q00 Q10 Q70 H= High Voltage Level L= Low Voltage Level X= Don’t Care ↑= Transition from Low to High Level a...h = The level of steady-state input at inputs D0 thru D7, respectively. Q00, Q10, Q70 = The level of Q0, Q1, or Q7, respectively, before the indicated steady-state input conditions were established. Q0n, Q6n = The level of Q0 or Q6, respectively, before the most recent ↑ transition of the clock. 8 - REGISTERS PARALLEL ENABLE CIRCUIT D0 D1 D2 D3 D4 D5 D6 D7 PE DS CP CE MR D0 D7 Q7 CD54HC166, CD74HC166, CD54HCT166, CD74HCT166 |