| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLV841 bảng dữ liệu(PDF) 12 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLV841 bảng dữ liệu(HTML) 12 Page - Texas Instruments |
|
12 / 32 page ![]() RESET tD_HL tD VIT- + VHYS VPOR tSTRT + tD Unde ned VDD VDD(MIN) VIT- tD tD_HL Unde ned A. Open-Drain timing diagram assumes the RESET / RESET pin is connected via an external pull-up resistor to VDD. B. tD (no cap) is included in tSTRT time delay. If tD delay is programmed by an external capacitor connected to CT pin then tD programmed time will be added to the startup time, VDD slew rate = 1V / µs. C. Be advised that the VDD falling slew rate is (slew rate > 1V / µs) and resulting RESETin what is shown above figure. The RESET behavior would be similar to Figure 6-1 if the slew rate was much slower or if VDD decay time is larger than the prop delay (tD_HL). Figure 6-3. Timing Diagram for TLV841CxxL (CT) Active Low Output [Open-Drain and Push-Pull Output Topology] VIT+ tP_HL VHYS VIT- tD VIT+ VHYS VIT- tMR_tD VMR_L Time tMR_RES tMR_PW (1) MR VDD RESET VMR_H (2) (1) MR pulse width too small to assert RESET (2) MR voltage not low enough to assert RESET A. Open-Drain timing diagram assumes the RESET / RESET pin is connected via an external pull-up resistor to VDD. Figure 6-4. Timing Diagram for TLV841MxxL Active Low Output (MR) [Open-Drain and Push-Pull Output Topology] TLV841 SLVSFO5E – APRIL 2020 – REVISED FEBRUARY 2026 www.ti.com 12 Submit Document Feedback Copyright © 2026 Texas Instruments Incorporated Product Folder Links: TLV841 |