công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AP200N07NF bảng dữ liệu(PDF) 3 Page - A POWER MICROELECTRONICS

tên linh kiện AP200N07NF
Giải thích chi tiết về linh kiện  70V N-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  APME [A POWER MICROELECTRONICS]
Trang chủ  
Logo APME - A POWER MICROELECTRONICS

AP200N07NF bảng dữ liệu(HTML) 3 Page - A POWER MICROELECTRONICS

  AP200N07NF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP200N07NF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP200N07NF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP200N07NF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP200N07NF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP200N07NF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP200N07NF Datasheet HTML 7Page - A POWER MICROELECTRONICS AP200N07NF Datasheet HTML 8Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AP200N07NF
70V N-Channel Enhancement Mode MOSFET
AP200N07NF REV1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Unit
V(BR)DSS
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250µA
65
72
-
V
lGSS
Gate-body Leakage current
VDS = 0V, VGS = ±20V
-
-
±100
nA
IDSS
Zero Gate Voltage Drain Current TJ=25°C
VDS = 60V, VGS = 0V
-
-
1
μA
Zero Gate Voltage Drain Current TJ=100°C
-
-
100
VGS(th)
Gate-Threshold Voltage
VDS = VGS, ID = 250µA
2
2.9
4
V
RDS(on)
Drain-Source on-Resistance4
VGS = 10V, ID = 20A
-
1.0
1.3
mΩ
gfs
Forward Transconductance4
VDS=10V, ID=20A
-
62
-
S
Ciss
Input Capacitance
VDS = 30V, VGS =0V, f
=1MHz
-
5990
-
pF
Coss
Output Capacitance
-
2257
-
Crss
Reverse Transfer Capacitance
-
86
-
Rg
Gate Resistance
f =1MHz
-
2.6
-
Ω
Qg
Total Gate Charge
VGS = 10V, VDS = 30V,
ID=20A
-
102
-
nC
Qgs
Gate-Source Charge
-
24.6
-
Qgd
Gate-Drain Charge
-
28.2
-
td(on)
Turn-on Delay Time
VGS =10V, VDD =30V, RG
= 3Ω, ID= 20A
-
15.6
-
ns
tr
Rise Time
-
29
-
td(off)
Turn-off Delay Time
-
63
-
tf
Fall Time
-
51
-
trr
Body Diode Reverse Recovery Time
IF = 20A, dI/dt=100A/µs
-
80
-
ns
Qrr
Body Diode Reverse Recovery Charge
-
114
-
nC
VSD
Diode Forward Voltage4
IS = 20A, VGS = 0V
-
-
1.2
V
IS
Continuous Source Current
TC=25°C
-
-
378
A
Note :
1、The data tested by surface mounted on a 1 inch 2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width .The EAS data shows Max. rating .
3、The power dissipation is limited by 175
℃ junction temperature
4、EAS condition: TJ=25
℃, VDD=48V, VG=10V, RG=25Ω, L=0.1mH, IAS= 55A
5、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.
.



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com