| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ACS722 bảng dữ liệu(PDF) 2 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
ACS722 bảng dữ liệu(HTML) 2 Page - Allegro MicroSystems |
|
2 / 23 page ![]() High Accuracy, Galvanically Isolated Current Sensor IC with Small Footprint SOIC8 Package ACS722 2 Allegro MicroSystems 955 Perimeter Road Manchester, NH 03103-3353 U.S.A. www.allegromicro.com SELECTION GUIDE Part Number IPR (A) Sens(Typ) at VCC = 3.3 V (mV/A) TA (°C) Packing [1] ACS722LLCTR-05AB-T [2] ±5 264 -40 to 150 Tape and Reel, 3000 pieces per reel ACS722LLCTR-10AU-T [2] 10 ACS722LLCTR-10AB-T [2] ±10 132 ACS722LLCTR-20AU-T [2] 20 ACS722LLCTR-20AB-T [2] ±20 66 ACS722LLCTR-40AU-T [2] 40 ACS722LLCTR-40AB-T [2] ±40 33 [1] Contact Allegro for additional packing options. [2] Variant not intended for automotive applications. which is compatible with standard lead (Pb) free printed circuit board assembly processes. Internally, the device is Pb-free, except for flip-chip high-temperature Pb-based solder balls, currently exempt from RoHS.The device is fully calibrated prior to shipment from the factory. DESCRIPTION (continued) • Output voltage proportional to AC or DC current • Factory-trimmed sensitivity and quiescent output voltage for improved accuracy • Chopper stabilization results in extremely stable quiescent output voltage • Nearly zero magnetic hysteresis • Ratiometric output from supply voltage FEATURES AND BENEFITS (continued) |