| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F101R6T6ATR bảng dữ liệu(PDF) 71 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F101R6T6ATR bảng dữ liệu(HTML) 71 Page - STMicroelectronics |
|
71 / 87 page ![]() DocID15058 Rev 6 71/87 STM32F101x4, STM32F101x6 Package characteristics 86 6 Package characteristics 6.1 Package mechanical data In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. 6.2 VFQFPN36 package information Figure 35. VFQFPN36 - 36-pin, 6x6 mm, 0.5 mm pitch very thin profile fine pitch quad flat package outline 1. Drawing is not to scale. |