công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F101R6T6 bảng dữ liệu(PDF) 59 Page - STMicroelectronics

tên linh kiện STM32F101R6T6
Giải thích chi tiết về linh kiện  Low-density access line, ARM®-based 32 bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101R6T6 bảng dữ liệu(HTML) 59 Page - STMicroelectronics

Back Button STM32F101R6T6 Datasheet HTML 55Page - STMicroelectronics STM32F101R6T6 Datasheet HTML 56Page - STMicroelectronics STM32F101R6T6 Datasheet HTML 57Page - STMicroelectronics STM32F101R6T6 Datasheet HTML 58Page - STMicroelectronics STM32F101R6T6 Datasheet HTML 59Page - STMicroelectronics STM32F101R6T6 Datasheet HTML 60Page - STMicroelectronics STM32F101R6T6 Datasheet HTML 61Page - STMicroelectronics STM32F101R6T6 Datasheet HTML 62Page - STMicroelectronics STM32F101R6T6 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 87 page
background image
DocID15058 Rev 6
59/87
STM32F101x4, STM32F101x6
Electrical characteristics
86
Figure 27. Recommended NRST pin protection
1. The reset network protects the device against parasitic resets.
2. The user must ensure that the level on the NRST pin can go below the VIL(NRST) max level specified in
Table 36. Otherwise the reset will not be taken into account by the device.
ai14132d
STM32F10xxx
RPU
NRST(2)
VDD
Filter
Internal Reset
0.1 µF
External
reset circuit(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87