| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PDSP16318 bảng dữ liệu(PDF) 9 Page - Mitel Networks Corporation |
|
|
|||||||||||||||||||||||||||||
PDSP16318 bảng dữ liệu(HTML) 9 Page - Mitel Networks Corporation |
|
9 / 18 page ![]() PDSP1601/PDSP1601A 9 MARAX MAAPR MABPR MARSX Multiplexers There are four user selectable on-chip multiplexers (A- MUX, B-MUX, S-MUX and C-MUX). These four multiplexers support instructions as tabulated in Table 5. The MUX instructions are latched such that the instruction will not start executing until the rising edge of CLK latches the instruction onto the device. MSA1 0 0 1 1 A-MUX Output ALU REGISTER FILE OUPUT A-PORT INPUT B-PORT INPUT SHIFTER REGISTER FILE OUTPUT MSB 0 1 B-MUX Output B-PORT INPUT SHIFTER REGISTER FILE OUTPUT MSS 0 1 S-MUX Output B-PORT INPUT SHIFTER REGISTER FILE OUTPUT MSC 0 1 C-MUX Output ALU REGISTER FILE OUTPUT SHIFTER REGISTER FILE OUTPUT Table 5 MSA0 0 1 0 1 |