| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PDSP16112 bảng dữ liệu(PDF) 10 Page - Mitel Networks Corporation |
|
|
|||||||||||||||||||||||||||||
PDSP16112 bảng dữ liệu(HTML) 10 Page - Mitel Networks Corporation |
|
10 / 18 page ![]() PDSP1601/PDSP1601A 10 INSTRUCTION SET ALU Arithmetic Instructions Function On the rising edge of CLK at the end of the cycle in which this instruction is executing, the A Port, B Port, ALU, Barrel Shifter, and Shift Control Registers will be loaded with zeros. The internal registered CO will also be set to zero, and the BFP flag will be set to activate on overflow conditions. The A input to the ALU is inverted and a one is added to the LSB. The A input to the ALU is inverted and the CI input is added to the LSB. The A input to the ALU is inverted and the CO output from the ALU on the previous cycle is added to the LSB. The A input to the ALU is right shifted one bit position. The LSB is discarded, and the vacant MSB is filled by duplicating the original MSB (Sign Extension). The A input to the ALU is right shifted one bit position. The LSB is discarded, and the vacant MSB is filled with the LSB from the ALU register. The A input to the ALU is right shifted one bit position. The LSB is discarded, and the vacant MSB is filled with the LSB from the ALU register. The A input to the ALU is right shifted one bit position. The LSB is discarded, and the vacant MSB is filled with the LSB from the B input to the ALU. The A input to the ALU is added to the B input, and the CI input is added to the LSB. The A input to the ALU is added to the B input, and the CO out from the ALU on the previous cycle is added to the LSB. The A input to the ALU is added to the inverted B input, and a one is added to the LSB. The A input to the ALU is added to the inverted B input, and the CI input is added to the LSB. The A input to the ALU is added to the inverted B input, and the CO out from the ALU on the previous cycle is added to the LSB. The inverted A input to the ALU is added to the B input, and a one is added to the LSB. The inverted A input to the ALU is added to the B input, and the CI input is added to the LSB. The inverted A input to the ALU is added to the B input, and the CO out from the ALU on the previous cycle is added to the LSB. Op Code <00> <01> <02> <03> <04> <05> <06> <07> <08> <09> <0A> <0B> <0C> <0D> <0E> <0F> Mnemonic CLRXX MIAX1 MIAC1 MIACO A2SGN A2RAL A2RAR A2RSX APBCI APBCO AMBX1 AMBCI AMBCO BMAX1 BMAC1 BMACO ALU Logical Instructions Function The A input to the ALU is logically 'ANDed' with the B input. The A input to the ALU is logically 'ANDed' with the inverse of the B input. The inverse of the A input to the ALU is logically 'ANDed' with the B input. The A input to the ALU is logically 'ORed' with the B input. The inverse A input to the ALU is logically 'ORed' with the B input. The A input to the ALU is logically Exclusive-ORed with the B input. The A input to the ALU is passed to the output. The inverse of the A input to the ALU is passed to the output. Op Code <10> <11> <12> <13> <14> <15> <16> <17> Mnemonic ANXAB ANANB ANNAB ORXAB ORNAB XORAB PASXA PASNA |