| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M29F400T bảng dữ liệu(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M29F400T bảng dữ liệu(HTML) 30 Page - STMicroelectronics |
|
30 / 34 page ![]() ORDERING INFORMATION SCHEME Note: 1. Speed obtained with High Speed Measurement Conditions. M29F400T and M29F400B are replacedrespectively by the new version M29F400BT and M29F400BB Devices are shipped from the factory with the memory content erased (to FFh). For a list of availableoptions (Speed, Package, etc...) or for further information on any aspect of this device, please contact the STMicroelectronics Sales Office nearest to you. Operating Voltage F5V ± 10% Array Matrix T Top Boot B Bottom Boot Speed -55 (1) 55ns -70 70ns -90 90ns -120 120ns Package N TSOP48 12 x 20mm M SO44 Option R Reverse Pinout TR Tape & Reel Packing Temp. Range 1 0 to 70 °C 6 –40 to 85 °C 3 –40 to 125 °C Example: M29F400T -55 N 1 TR 30/34 M29F400T, M29F400B |