| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M29F100B bảng dữ liệu(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M29F100B bảng dữ liệu(HTML) 26 Page - STMicroelectronics |
|
26 / 30 page ![]() ORDERING INFORMATION SCHEME Devices are shipped from the factory with the memory content erased (to FFh). For a list of available options (Speed, Package, etc...) or for further informationon any aspect of this device, please contact the STMicroelectronics Sales Office nearest to you. Operating Voltage F5V Array Matrix T Top Boot B Bottom Boot Speed -70 70ns -90 90ns -120 120ns Power Supplies blank VCC ± 10% XVCC ± 5% Package N TSOP48 12 x 20mm M SO44 Option R Reverse Pinout TR Tape & Reel Packing Temp. Range 1 0 to 70 °C 6 –40 to 85 °C 3 –40 to 125 °C Example: M29F100T -70 X N 1 TR 26/30 M29F100T, M29F100B |