| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA027 bảng dữ liệu(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA027 bảng dữ liệu(HTML) 21 Page - STMicroelectronics |
|
21 / 44 page ![]() STA027 5 Register description CD00066274 21/44 5.3.7 PLL_SYSTEM_PEH_42_5 : Address : 0xE7 (231) Type : RW - DEC Software Reset : 223 Description : This register must contain a PEH value that enables the system PLL to generate a frequency of 42.5 MHz for the SYSCK.See table 4. Default value at soft reset assume : – external crystal provide a CRYCK running at 14.31818 MHz 5.3.8 PLL_SYSTEM_NDIV_42_5 : Address : 0xE8 (232) Type : RW - DEC Software Reset : 0 Description : This register must contain a NDIV value that enables the system PLL to generate a frequency of 42.5 MHz for the SYSCK.See table 4. Default value at soft reset assume : – external crystal provide a CRYCK running at 14.31818 MHz 5.3.9 PLL_SYSTEM_XDIV_42_5 : Address : 0xE9 (233) Type : RW - DEC Software Reset : 1 Description : This register must contain a XDIV value that enables the system PLL to generate a frequency of 42.5 MHz for the SYSCK.See table 4. Default value at soft reset assume : – external crystal provide a CRYCK running at 14.31818 MHz b7 b6 b5 b4 b3 b2 b1 b0 b7 b6 b5 b4 b3 b2 b1 b0 b7 b6 b5 b4 b3 b2 b1 b0 |