công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

B3DTGREEN bảng dữ liệu(PDF) 2 Page - IMO Precision Controls Ltd.

tên linh kiện B3DTGREEN
Giải thích chi tiết về linh kiện  Pushbuttons B3
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IMO [IMO Precision Controls Ltd.]
Trang chủ  https://imopc.com/
Logo IMO - IMO Precision Controls Ltd.

B3DTGREEN bảng dữ liệu(HTML) 2 Page - IMO Precision Controls Ltd.

  B3DTGREEN Datasheet HTML 1Page - IMO Precision Controls Ltd. B3DTGREEN Datasheet HTML 2Page - IMO Precision Controls Ltd. B3DTGREEN Datasheet HTML 3Page - IMO Precision Controls Ltd. B3DTGREEN Datasheet HTML 4Page - IMO Precision Controls Ltd. B3DTGREEN Datasheet HTML 5Page - IMO Precision Controls Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.imopc.com
Pushbuttons B3 continued
B3/07/08
Selection and product ordering codes
Momentary
Momentary
Description
Product
Flush
G
G
Green-Red-Black
G
B(S,C)3D
Yellow-Blue
G
Mushroom 28mm
G
G
Red-Red O-Yellow
G
B(S,C)3P1
Black
G
Mushroom 40mm
G
G
Red O
G
B(S,C)3P14
G
Maintained
Mushroom 28mm
G
G
Twist to Release
G
B(S,C)3P3
Red-Red O
G
Mushroom 40mm
G
G
Twist to Release
G
B(S,C)3P34
Red O
G
Mushroom 40mm
Key Release
G
BS3P44S3
Red
Mushroom 40mm
G
BS3P44
Pull to Release
G
BS3P45
Red
Rotary knob
3 posn. spring
G
G
Return to centre
G
B(S,C)3KN1
60˚–0–60˚ Black
G
2 posn. maintained
G
G
0–60˚ Black
G
B(S,C)3KN2
G
3 posn. maintained
G
G
60˚–0–60˚ Black
G
B(S,C)3KN3
G
Lever 3 posn.
G
G
Spring return
G
B(S,C)3KRN1
60˚–0–60˚ Black
G
Lever 3 posn.
G
G
Maintained
G
B(S,C)3KRN3
60˚–0–60˚ Black
G
3 Posn. spring
G
G
Return from right
G
B(S,C)3KN6
Maintained left
G
3 Posn. spring
G
G
Return from left
G
B3(S,C)KN7
Maintained left
G
2 Posn. maintained
G
G
30°-30°
G
B(S,C)3KN8
G
2 Posn. spring
G
G
Return from left
G
B(S,C)3KN9
G
2 Posn. toggle
G
G
Switch without off
G
B(S,C)3KN10
G
Key Operated
Maintained
Description
Product
2 Posn.
G
G
Key Remove-Off
G
B(S,C)3SAR1
G
2 Posn.
G
G
Key Remove-On
G
B(S,C)3SAR1
G
2 Posn.
G
G
Key Remove-All
G
B(S,C)3SARO1
G
3 Posn.
G
G
Key Remove-Off
G
B(S,C)3SARRO
G
3 Posn.
G
G
Key Remove-All
G
B(S,C)3SARR102
Spring return
G
2 Posn.
G
G
Key Remove-Off
G
B(S,C)3SATO
G
3 Posn.
G
G
Key Remove-Off
G
B(S,C)3SATTO
G
Description
Product
Flush
G
G
Green-Red-White-Blue
G
B(S,C)3DL
Yellow-Clear
G
Lens Cap
Low Profile
Red-Yellow-Green
G
G
B3R
Clear-White-Blue
Plastic
Red-Yellow-Green
G
B3RF
White-Blue
Rotary knob
3 posn. spring
G
G
Return to centre
G
B(S,C)3KL1
60˚–0–60˚ Clear
G
2 posn. maintained
G
G
0–90˚ Clear
G
B(S,C)3KL2
G
3 posn. maintained
G
G
60˚–0–60˚ Clear
G
B(S,C)3KL3
G
Lever 3 posn.
G
G
Spring return
G
B(S,C)3KRL1
60˚–0–60˚ Clear
G
Lever 3 posn.
G
G
Maintained
G
B(S,C)3KRL3
60˚–0–60˚ Clear
G
G
G Metal Bezel
G Black Bezel
G Chrome Bezel
Illuminated
Maintained Illuminated/Non-Illuminated
Flush illuminated maintained
G
G
Blue-Green
G
B(S,C)DR
Red-White-Yellow
G
Flush maintained
G
G
Blue-Green
G
B(S,C)3DLR
Red-White-Yellow
G
Twin Head
Double head
G
G
Momentary indicating
G
B(S,C)3DT
Red/Green - Black/White
G
Opaque



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com