công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HJR2845CSF bảng dữ liệu(PDF) 13 Page - Nisshinbo Micro Devices Inc.

tên linh kiện HJR2845CSF
Giải thích chi tiết về linh kiện  Ku-band PLL LNB
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NISSHINBO [Nisshinbo Micro Devices Inc.]
Trang chủ  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

HJR2845CSF bảng dữ liệu(HTML) 13 Page - Nisshinbo Micro Devices Inc.

Back Button HJR2845CSF Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. HJR2845CSF Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. HJR2845CSF Datasheet HTML 11Page - Nisshinbo Micro Devices Inc. HJR2845CSF Datasheet HTML 12Page - Nisshinbo Micro Devices Inc. HJR2845CSF Datasheet HTML 13Page - Nisshinbo Micro Devices Inc. HJR2845CSF Datasheet HTML 14Page - Nisshinbo Micro Devices Inc. HJR2845CSF Datasheet HTML 15Page - Nisshinbo Micro Devices Inc. HJR2845CSF Datasheet HTML 16Page - Nisshinbo Micro Devices Inc. HJR2845CSF Datasheet HTML 17Page - Nisshinbo Micro Devices Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
NJR2845 series
*Above Specifications are subject to change without notice.
Reference No.:
DS-R2845
Rev.:
01E
Sheet:
13
7. Handling Precautions
7.1.
DANGER
This statement indicates an imminently hazardous situation which, if not avoided, will result in
death or serious injury.
Items
Description
Input Voltage
Only input a DC voltage within the range indicated in specifications.
Do operate with the input voltage range between +10 and +24 V DC power.
When applying higher voltage than specifications (+28 V as maximum value of
input voltage in power requirement), it will not only cause this unit failure, but it
may also result in electric shock and fire.
Disassembling
Do not disassemble the unit.
Disassembling will not only cause this unit failure, but it may also result in
electric shock.
7.2.
CAUTION
This statement indicates a potentially hazardous situation which, if not avoided, could result in
minor or moderate injury. The statement may also be used to indicate other unsafe practices or
risks of property damage.
Items
Description
Disposal
This unit contains gallium arsenide (GaAs), classified as a harmful substance. To
avoid danger, do not incinerate, crush, or chemically treat the unit in such a way
that gases or dust are released.
When disposing the unit, comply with all applicable laws and regulations and do
not treat it as general industrial waste or household waste.
7.3.
NOTE
This statement is used to notify of installation, operation, or maintenance information that is
important, but not hazard-related.
Items
Description
Torque
Management
Do not tighten with excessive torque when attaching screws/bolts and connectors.
The following value as tighten torque is recommended.
Screws/Bolts - M4: 1.15 to 1.4 N⋅m
IF Connector (N-type / F-type): 0.68 to 1.13 N⋅m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com